Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH35320480BCNDNNFZCWC

  • AI
    The part number **JH35320480BCNDNNFZCWC** refers to a high-resolution **TFT Liquid Crystal Display (LCD)** module, typically used in embedded systems and handheld devices. --- ## 1. Technical Specifications Breakdown Based on the standard nomenclature for this type of display module, here are the core electronic specifications: | Feature | Specification | Description | | :--- | :--- | :--- | | **Display Type** | TFT LCD | Thin-Film Transistor Active Matrix | | **Screen Size** | 3.5 Inch | Measured diagonally | | **Resolution** | 320 x 480 | HVGA (Half-size Video Graphics Array) | | **Orientation** | Portrait | Default scan direction | | **Interface** | MCU/SPI/RGB | Typically supports 8/16-bit parallel or serial | | **Backlight** | White LED | Usually 6-8 LEDs in series or parallel | | **Touch Panel** | Capacitive (CTP) | Indicated by the "CWC" suffix (Capacitive With Controller) | --- ## 2. Key Component Analysis ### A. The Controller/Driver IC These displays usually utilize a driver like the **ILI9488** or **ST7796**. This chip acts as the bridge between your microcontroller (MCU) and the liquid crystals, managing the voltage for every pixel. ### B. The Interface Pins The module connects via a Flexible Printed Circuit (FPC) cable. Key pin groups include: * **Power Pins:** VDD (Digital Power), VCI (Analog Power), and GND. * **Data Bus:** DB0-DB15 for parallel communication of image data. * **Control Pins:** CS (Chip Select), RS/DC (Register Select), WR (Write), RD (Read), and RESET. * **Backlight:** LEDA (Anode) and LEDK (Cathode). ### C. Capacitive Touch (CTP) The "CWC" portion of the model suggests a **Capacitive Touch Screen**. * **Interface:** Usually uses **I2C** (SDA, SCL pins). * **Controller:** Common ICs include the GT911 or FT6336. * **Function:** Supports multi-touch gestures and provides higher durability compared to resistive touch. --- ## 3. Implementation Requirements ### Voltage Levels * **Logic:** 2.8V to 3.3V (Note: 5V logic will damage the display without level shifters). * **Backlight:** Often requires a constant current driver (approx. 18V-20V if LEDs are in series, or 3.2V if in parallel). ### Software Requirements To drive this part, you need a graphics library capable of handling HVGA resolutions. Popular choices include: * **LVGL:** For advanced GUIs. * **Adafruit_GFX:** For basic Arduino implementations. * **TFT_eSPI:** Highly optimized for ESP32/RP2040. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the FPC connector on this model?
    • ⤷ Which Driver IC (e.g.
    • ⤷ ILI9488) does this specific module use?
    • ⤷ Can this display be interfaced directly with a 5V Arduino Uno?