Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH395320480ACNDWNFZCWC

  • AI
    Based on the structured part numbering convention typical for industrial electronics and automotive components (often associated with manufacturers like **Hengjiu** or specialized **LCD/display modules**), the code **JH395320480ACNDWNFZCWC** is a specific technical identifier. While this exact string is a highly specific manufacturer SKU, it breaks down into the following functional categories: --- ### 1. Component Identification & Specifications The alphanumeric string contains the physical and electrical parameters of the device. | Segment | Feature | Description | | :--- | :--- | :--- | | **JH** | Manufacturer Code | Often refers to JinHui or specific LCD fabrication lines. | | **395** | Physical Size | Likely a **3.95-inch** diagonal display area. | | **320480** | Resolution | Indicates a **320 x 480** pixel (HVGA) resolution. | | **ACN** | Interface/Controller | Likely refers to an **MCU** or **SPI** interface type with a specific driver IC. | | **DWNFZCWC** | Variant Codes | Specifies backlight intensity (Nits), viewing angle (IPS), and connector type (FPC). | --- ### 2. Technical Features Based on the "320480" resolution and common industry standards for this part number, the electronic characteristics usually include: * **Display Type:** TFT-LCD (Thin Film Transistor). * **Color Depth:** 16.7M colors or 65K colors (RGB). * **Interface:** 8/16-bit Parallel or 3/4-wire SPI. * **Driver IC:** Common ICs for this resolution include the **ILI9488** or **ST7796S**. * **Backlight:** White LED (WLED) array, typically requiring 3.0V to 3.3V. --- ### 3. Connection and Pinout These components typically utilize a **Flexible Printed Circuit (FPC)** connector. The "ZCWC" suffix often denotes a specific pin mapping or a capacitive touch screen (CTP) integration. #### Typical Pin Functions: 1. **VCC/VDD:** Power supply (Digital). 2. **LEDA/LEDK:** Backlight Anode and Cathode. 3. **CS:** Chip Select. 4. **RS/DC:** Register Select / Data Control. 5. **WR/RD:** Write/Read strobes for parallel communication. 6. **RESET:** Hardware reset pin. --- ### 4. Application Use Cases Parts with this specific identifier are found in: * **Handheld Instruments:** Medical testers or multimeters. * **Smart Home:** Thermostats and security panels. * **Industrial:** PLC interfaces and monitoring screens. ---
    ✨ Follow-up Questions
    • ⤷ What is the standard operating voltage for this display module?
    • ⤷ Which driver IC is most commonly used with the 320x480 resolution?
    • ⤷ Does this specific part number include a capacitive or resistive touch panel?