Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH40480800ACNDNNFZCWC

  • AI
    Based on the part number **JH40480800ACNDNNFZCWC**, this component belongs to the category of **Industrial TFT LCD Display Modules**. These displays are commonly used in medical devices, industrial controllers, and handheld terminals. --- ### 1. Technical Specifications Breakdown The alphanumeric string provides specific details regarding the display's dimensions, interface, and technology. | Feature | Detail | Description | | :--- | :--- | :--- | | **Type** | TFT LCD | Thin Film Transistor Liquid Crystal Display | | **Resolution** | 480 x 800 | WVGA resolution (Portrait orientation) | | **Size** | 4.0 Inch | Measured diagonally | | **Interface** | RGB / MIPI | Standard high-speed data transmission for displays | | **Touch Panel** | Capacitive (CTP) | Multi-touch support (likely indicated by "CWC") | | **Brightness** | Standard to High | Typically 300-500 cd/m² for indoor/outdoor use | --- ### 2. Key Electronic Components This module is not just a screen; it is a system of several integrated electronic parts: #### A. Driver IC (Integrated Circuit) * **Function:** Acts as the "brain" of the display. It converts signals from the host (like a Raspberry Pi or Microcontroller) into voltages that control the liquid crystals. * **Common Models:** Usually powered by chips like the **ILI9806** or **ST7701S**. #### B. Backlight Unit (BLU) * **Components:** A string of White LEDs (WLED) connected in series or parallel. * **Driving:** Requires a constant current LED driver circuit (usually 15V-25V depending on the LED count). #### C. Flex Printed Circuit (FPC) * **Design:** The orange/black flexible cable connecting the screen to the PCB. * **EMI Shielding:** Often contains grounding layers to prevent electromagnetic interference. #### D. Touch Controller * **Function:** An independent IC (e.g., Goodix or FocalTech) located on the FPC that processes finger touches and communicates via **I2C interface**. --- ### 3. Connection Pinout Overview While specific pinouts vary by manufacturer (JH usually refers to Jinhang or similar specialized display vendors), the electronic interface generally includes: 1. **Power Pins:** VDD (Digital power, 2.8V-3.3V) and VCI (Analog power). 2. **Data Lanes:** 24-bit RGB (D0-D23) or 2-lane MIPI CSI/DSI. 3. **Control Signals:** HSYNC, VSYNC, PCLK, and DE (Data Enable). 4. **Backlight:** LED+ (Anode) and LED- (Cathode). 5. **Touch:** SDA, SCL, RST, and INT pins for I2C communication. --- ### 4. Application Environments * **Smart Home:** Thermostats and security panels. * **Industrial:** CNC machine interfaces. * **Medical:** Patient monitoring handhelds.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the FPC connector of this module?
    • ⤷ Which Driver IC is compatible with the JH40480800 series for firmware development?
    • ⤷ What is the recommended voltage for the LED backlight circuit on this 4-inch display?