Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH40480800ACNFWNTHCWC

  • AI
    The part number **JH40480800ACNFWNTHCWC** refers to a high-resolution, industrial-grade **TFT LCD Display module**. These displays are commonly used in embedded systems, medical devices, or handheld terminals. --- ### 1. Component Specifications Based on the standard naming conventions for this type of display module, here is a breakdown of its core electronic and physical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Display Type** | TFT LCD | Active matrix Thin-Film Transistor | | **Resolution** | 480 x 800 | WVGA Portrait orientation | | **Size** | 4.0 Inch | Measured diagonally | | **Interface** | RGB / MIPI | Typically uses 24-bit RGB or MIPI DSI for high-speed data | | **Backlight** | White LED (WLED) | High brightness configuration | | **Touch Panel** | Capacitive (CTP) | "CWC" suffix usually denotes a Capacitive Touch Window | --- ### 2. Electronic Interface & Pinout Most modules in this series utilize a **Flexible Printed Circuit (FPC)** connector. Key pin groups include: * **Power Supply:** Typically requires **VDD (2.8V - 3.3V)** for logic and **VCI** for analog power. * **Backlight Circuit:** Requires a constant current driver. Usually labeled as **LEDA (Anode)** and **LEDK (Cathode)**. * **Data Lines:** * *RGB Interface:* Includes D0-D23, HSYNC, VSYNC, PCLK, and DE. * *MIPI Interface:* Includes Lane 0 +/- and Lane 1 +/- differential pairs. * **Control Pins:** RESET (RST), Chip Select (CS), and Command/Data (RS). --- ### 3. Application Use Cases This specific module is designed for hardware environments requiring high pixel density in a small form factor: 1. **Smart Home Controllers:** Thermostats or security panel interfaces. 2. **Industrial Handhelds:** Ruggedized scanners or diagnostic tools. 3. **Medical Equipment:** Portable monitoring devices requiring clear graphical UI. --- ### 4. Implementation Example (Initialization) To drive this display, a microcontroller (like an ESP32, STM32, or i.MX6) must initialize the internal driver IC (often an ILI9806 or similar). ```c // Pseudo-code for Display Initialization void LCD_Init(void) { LCD_Reset(); // Hardware reset via RST pin Write_Cmd(0x11); // Exit Sleep Mode Delay(120); // Wait for driver stability Write_Cmd(0x3A); // Set Pixel Format Write_Data(0x77); // 24-bit RGB Write_Cmd(0x29); // Display ON } ``` ---
    ✨ Follow-up Questions
    • What is the specific Driver IC used in this JH40480800 module?
    • What is the typical power consumption of the LED backlight for this 4-inch display?
    • Does this model support SPI interface for low-pin-count microcontrollers?