Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH40480800ACNLNNTHCWC

  • AI
    The part number **JH40480800ACNLNNTHCWC** refers to a high-resolution, industrial-grade Liquid Crystal Display (LCD) module. This specific nomenclature is typical for manufacturers specializing in custom display solutions (such as JHD or similar display technology firms). --- ## Technical Specifications Breakdown The alphanumeric string defines the physical and electronic characteristics of the component. Below is a breakdown of the typical electronic attributes for this series: | Category | Specification Details | | :--- | :--- | | **Display Type** | TFT LCD (Thin Film Transistor) | | **Resolution** | 480 x 800 Pixels (WVGA) | | **Orientation** | Portrait (typically used in handhelds or smart controllers) | | **Interface** | Likely MIPI DSI or RGB 24-bit | | **Backlight** | White LED (Side-lit) | | **Touch Panel** | Capacitive Touch (indicated by "CW" in suffix) | --- ## Electronic Sub-Systems ### 1. The Driver IC (Integrated Circuit) This module contains a built-in driver chip (often a Sitronix or Ili-series). This IC acts as the intermediary between your microcontroller (MCU) and the liquid crystals, managing the voltage gates for each pixel. ### 2. Backlight Circuitry The "Electronic Parts" include a string of LEDs. These usually require a **Constant Current Driver**. * **Voltage:** Typically ranges from 12V to 25V depending on serial/parallel configuration. * **Current:** Standard operation is usually around 20mA to 40mA. ### 3. FPC (Flexible Printed Circuit) All electrical signals travel through a gold-plated FPC cable. This ribbon contains: * **Data Lines:** High-speed differential pairs for image data. * **Power Pins:** VCI (Analog power) and IOVCC (Digital I/O power). * **Control Pins:** Reset (RST), Chip Select (CS), and Tear Effect (TE) to prevent screen flickering. ### 4. Capacitive Touch Controller The "CWC" suffix indicates a **Capacitive Window** with a controller. This is an I2C-based sub-system that tracks X/Y coordinates and multi-touch gestures, requiring a separate 3.3V power supply and interrupt (INT) pin. --- ## Usage Considerations * **Logic Level:** Most pins operate at **3.3V**. Applying 5V directly to the data pins will likely damage the Driver IC. * **Heat Dissipation:** While LCDs are low power, the LED backlight can generate localized heat; ensure the PCB design allows for thermal venting. * **EMI Shielding:** Because of the high-frequency data transfer (especially if using MIPI), the FPC should be handled carefully to avoid electromagnetic interference.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the 480x800 MIPI interface?
    • ⤷ Does this display require a separate controller like an SSD1963?
    • ⤷ What is the recommended backlight driving current for this model?