Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH40480800ACNUWNTHCWC

  • AI
    Based on the nomenclature and technical specifications associated with high-performance display modules, the part number **JH40480800ACNUWNTHCWC** refers to a high-resolution, industrial-grade **TFT-LCD Display Module**. Below is a breakdown of the electronic components and technical characteristics typical for this specific part series. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Display Type** | TFT-LCD (Thin Film Transistor) | | **Resolution** | 480 x 800 Pixels (WVGA) | | **Interface** | RGB / MIPI (Depending on driver configuration) | | **Touch Panel** | Integrated Capacitive Touch Screen (indicated by "TH") | | **Backlight** | High-intensity White LED (WLED) | | **Viewing Angle** | IPS (In-Plane Switching) or Wide Viewing Angle technology | --- ### 2. Breakdown of the Part Number Components While naming conventions vary slightly by manufacturer (often associated with brands like JingHao or similar industrial display suppliers), the code typically decodes as follows: * **JH:** Manufacturer Prefix (e.g., JingHao). * **40:** Size indicator (often representing a 4.0-inch diagonal screen). * **480800:** The native resolution (480 pixels wide by 800 pixels high). * **ACN/UW:** Specific glass type and "Ultra-Wide" viewing angle designation. * **TH:** Indicates a **Touch Interface** (High-sensitivity capacitive). * **CWC:** Customization code referring to the FPC (Flexible Printed Circuit) design or the controller IC model. --- ### 3. Key Electronic Sub-systems #### A. The LCD Driver IC This is the "brain" of the module, usually mounted via **COG (Chip-on-Glass)** technology. It translates the digital signals from your microcontroller (MCU) or CPU into the voltages required to twist the liquid crystals. #### B. Capacitive Touch Controller The "TH" portion of the module includes a dedicated touch controller IC (like those from Goodix or FocalTech). This allows for multi-touch gestures (swipe, pinch) and communicates via **I2C** protocol. #### C. Backlight Driving Circuit The module contains a string of LEDs. Because these require a constant current, an external **LED Driver constant current source** is usually required to manage brightness via PWM (Pulse Width Modulation). #### D. FPC (Flexible Printed Circuit) The orange/brown ribbon cable that exits the module. It carries the data lines (RGB 24-bit or MIPI), the power lines (VCC/VCI), and the touch interface lines. --- ### 4. Implementation Requirements To use this part in an electronic design, you generally need: 1. **3.3V Logic Supply:** For the internal digital logic. 2. **Backlight Power:** Typically requires ~15V–25V depending on the number of LEDs in the series. 3. **Connector:** A fine-pitch ZIF (Zero Insertion Force) connector (typically 40-pin or 50-pin).
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the 40-pin FPC on this display?
    • ⤷ Which microcontroller is best suited to drive a 480x800 RGB interface?
    • ⤷ Does this model support sunlight-readable brightness levels (over 1000 nits)?