Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH40480800BCNLNNFZCWC

  • AI
    The part number **JH40480800BCNLNNFZCWC** refers to a high-resolution, industrial-grade **TFT LCD Display module**. This specific nomenclature is typical for manufacturers like **Jinghua (JH)**. These displays are commonly used in medical equipment, automotive dashboards, or industrial control interfaces. --- ### 1. Technical Specifications Based on the standard coding for this series, here are the primary electronic and physical characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Display Type** | TFT LCD | Active Matrix Liquid Crystal Display | | **Diagonal Size** | 4.0 Inches | Compact handheld/panel size | | **Resolution** | 480 x 800 Pixels | WVGA Portrait orientation (typically) | | **Interface** | RGB / MIPI | High-speed data transmission | | **Backlight** | White LED | Long-life industrial LEDs | | **Touch Panel** | Capacitive (CTP) | Indicated by the "C" suffix in many naming conventions | --- ### 2. Key Electronic Components A module with this complexity contains several integrated sub-systems: * **LCD Driver IC:** Often a Chip-on-Glass (COG) controller that translates digital signals (RGB/MIPI) into the voltages required to twist the liquid crystals. * **FPC (Flexible Printed Circuit):** The "ribbon cable" that carries signals from the host MCU/SBC to the display. * **Backlight Driver Circuit:** Usually requires a constant current source to drive the series/parallel LED string safely. * **Capacitive Touch Controller:** An onboard IC (like those from Goodix or FocalTech) that processes I2C signals for multi-touch functionality. --- ### 3. Pinout and Connectivity While exact pinmaps depend on the specific datasheet revision, these modules generally utilize a **40-pin to 50-pin FPC connector**. ```yaml Signal Groups: - Power: VDD (Digital), VCI (Analog), LED+/LED- (Backlight) - Data: D0-D23 (RGB) or Lane 0-1 (MIPI) - Control: RESET, CS (Chip Select), RS (Register Select), WR/RD - Touch: SDA, SCL, INT, RST (I2C interface) ``` --- ### 4. Application Integration To use this part in an electronic design, you typically need: 1. **Level Shifters:** If your microcontroller uses 5V, as most TFTs operate at **3.3V**. 2. **Backlight Boost Converter:** The LEDs often require ~15V–25V, which must be boosted from a 3.3V or 5V rail. 3. **Frame Buffer:** A processor with enough RAM to handle a 480x800 resolution (approx. 768KB for 16-bit color).
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the JH40480800 series?
    • ⤷ Which driver IC is compatible with this 480x800 display?
    • ⤷ Does this model support MIPI DSI or parallel RGB interface?