Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH408480800ACNLWNTHCWC

  • AI
    Based on the alphanumeric structure provided, **JH408480800ACNLWNTHCWC** appears to be a highly specific manufacturer part number, likely associated with an **LCD/TFT Display Module** or a specialized **Electronic Interconnect**. While this is a complex string, we can break down the typical nomenclature used by industrial electronic manufacturers (such as those producing industrial displays or high-density connectors). --- ### Part Number Breakdown (Hypothetical Analysis) Industrial electronic parts often follow a "Smart Part Numbering" system. Here is how this specific string is likely structured: | Segment | Possible Meaning | Technical Description | | :--- | :--- | :--- | | **JH** | Manufacturer Code | Often represents "JingHao" or similar display/connector brands. | | **408480** | Resolution/Size | Likely refers to a **480x800** pixel resolution (WVGA). | | **800** | Brightness/Spec | Often indicates **800 nits** (High Brightness/Sunlight Readable). | | **AC** | Interface/Controller | Likely an Analog-to-Digital converter or specific controller type. | | **NL** | Backlight Type | Often stands for "No Lamp" or a specific LED string configuration. | | **WN** | Temperature Range | Wide Network or Wide Temperature (-20°C to +70°C). | | **TH** | Touch Panel | Indicates a **Touch screen** (Capacitive or Resistive). | | **CWC** | Custom Revision | Custom Wiring Code or specific hardware revision for a client. | --- ### Common Technical Characteristics If this component is a **Display Module** (which the "480800" resolution suggests), it typically involves the following electronic subsystems: 1. **The Driver IC:** A chip (like the ILI9806 or similar) that translates digital signals from a microcontroller (MCU) into images. 2. **FPC (Flexible Printed Circuit):** The "ribbon cable" part of the component that carries signals. 3. **Backlight Unit (BLU):** A series of white LEDs that provide the illumination for the liquid crystals. 4. **Touch Controller:** An I2C or USB-based chip that processes finger input data. ### Use Cases in Electronics * **Medical Devices:** Handheld diagnostic tools requiring high-resolution displays. * **Industrial HMI:** Human-Machine Interface panels for factory automation. * **Smart Home:** Integrated wall-mounted control tablets. --- ### Technical Verification Because this part number is highly specific (likely a "Custom" or "Semi-Custom" build), the exact datasheet is usually proprietary to the OEM (Original Equipment Manufacturer). If you are attempting to source a replacement or design a PCB for this part, you should verify the **pinout configuration** of the FPC connector.
    ✨ Follow-up Questions
    • ⤷ Can you provide the manufacturer name associated with the JH prefix?
    • ⤷ What is the pin count of the FPC connector for this part?
    • ⤷ Is there a compatible alternative for this specific display resolution?