Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH43480800BCNUMNFZCWC

  • AI
    The part number **JH43480800BCNUMNFZCWC** appears to be a highly specific manufacturer SKU, likely belonging to the **Industrial Display** or **LCD Module** category (often associated with brands like JHD or similar specialized display manufacturers). Based on the alphanumeric string structure typical for these components, here is a breakdown of the electronic parts and specifications represented: --- ## 1. Component Specification Breakdown | Segment | Possible Definition | Description | | :--- | :--- | :--- | | **JH** | Manufacturer Code | Likely refers to *JingHao* or a similar LCD display manufacturer. | | **43** | Size Indicator | Generally denotes a **4.3-inch** diagonal screen size. | | **480800** | Resolution | Indicates a resolution of **480 x 800** pixels (WVGA). | | **BCN** | Backlight/Connector | Specifies high-brightness LED backlighting and specific pin configurations. | | **UM/NF** | Interface/Glass | Often refers to a **USB** or **MIPI/RGB** interface and "No Film" or specialized polarizer. | | **ZCWC** | Custom Revision | Factory-specific code for internal revisions, color calibration, or wide-temperature rating. | --- ## 2. Key Electronic Features The electronic architecture of this part typically includes the following sub-components: ### A. Display Driver IC (DDIC) To drive a 480x800 resolution, the module usually integrates a driver chip (such as an **ILI9806** or **ST7701S**). This chip converts digital signals from a microcontroller or MPU into the analog voltages required to twist the liquid crystals. ### B. Interface Protocol Standard 4.3" modules with this resolution usually utilize: * **RGB 24-bit:** Requires a high pin-count for parallel data transmission. * **MIPI DSI:** Uses high-speed differential signaling (common in modern high-resolution small screens). ### C. Backlight Circuitry * **LED Array:** Typically 7 to 12 white LEDs connected in series or series-parallel. * **Power Requirements:** Usually requires a constant current driver providing ~15V to 25V depending on the string configuration. ### D. Capacitive Touch Panel (Optional) If the suffix "ZCWC" denotes a touch variant, it includes a **COF (Chip-on-Flex)** controller such as a **GT911** or **FT5426** for I2C communication. --- ## 3. Typical Operating Parameters | Parameter | Value (Typical) | | :--- | :--- | | **Supply Voltage (VDD)** | 2.8V to 3.3V | | **Interface** | RGB or MIPI | | **Viewing Angle** | IPS (All-O'Clock) or 12:00 | | **Brightness** | 300 - 500 cd/m² | | **Operating Temp** | -20°C to +70°C | --- ### Usage Note Because this is a specific manufacturer part number, it is critical to verify the **Datasheet** from the specific vendor to confirm pinout mappings (Pin 1 location, VCC vs. GND) before applying power, as variations in the "ZCWC" suffix can sometimes indicate inverted polarity or different logic levels.
    ✨ Follow-up Questions
    • ⤷ Can you provide a pinout diagram for a 4.3-inch 480x800 RGB LCD?
    • ⤷ What is the difference between MIPI and RGB interfaces for this display?
    • ⤷ How do I calculate the current requirements for the LED backlight on this module?