Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH43540960ACNLNNTZCWC

  • AI
    Based on the alphanumeric structure provided, **JH43540960ACNLNNTZCWC** appears to be a specific manufacturer part number or a serialized industrial component identifier, likely related to **LCD/LED Display Panels** or **Automotive Electronic Control Modules**. While this exact 20-character string is highly specific (often indicating a unique production batch or customized OEM part), we can break down the typical electronic composition of such a component. --- ## 1. Technical Breakdown of the Component Based on common naming conventions for parts in this category (specifically display assemblies found in industrial or automotive applications): | Segment | Probable Meaning | Description | | :--- | :--- | :--- | | **JH** | Manufacturer Prefix | Often refers to Jinghua or similar display module manufacturers. | | **435 / 43** | Size Identifier | Likely a **4.3-inch** diagonal screen size. | | **40960** | Resolution/Tech Code | May indicate a specific resolution (e.g., 480x272) or internal wiring schematic. | | **ACNL** | Interface Type | Suggests a specific LVDS or RGB interface configuration. | | **TZCWC** | Batch/Revision | Customization codes for backlight brightness, touch panel type, or wide temperature rating. | --- ## 2. Key Electronic Specifications If this is a display module, it typically consists of the following electronic sub-assemblies: ### A. The Controller IC (Integrated Circuit) * **Function:** Translates incoming data signals into pixel voltages. * **Common Chips:** Often uses Sitronix or Himax controllers. * **Protocol:** Likely supports SPI, RGB 24-bit, or MCU 8/16-bit interfaces. ### B. Backlight Driver Circuit * **Components:** A series of White LEDs (WLED) connected in strings. * **Power:** Usually requires a constant current driver (typically 15V-25V depending on the number of LEDs). ### C. The FPC (Flexible Printed Circuit) * **Construction:** A polyimide substrate with copper traces. * **EMI Shielding:** Often includes a grounded metallic layer to prevent electromagnetic interference in sensitive electronics. --- ## 3. Application Context Parts with this specific complexity are usually found in: 1. **Automotive Dashboards:** High-durability screens for instrument clusters. 2. **Medical Devices:** Monitoring equipment requiring high-reliability connections. 3. **Industrial HMIs:** Human-Machine Interfaces used in factory automation. --- ## 4. Replacement and Compatibility Note > [!WARNING] > When sourcing or replacing this part, the **"TZCWC"** suffix is critical. Electronic components with identical prefixes but different suffixes often have different pinouts or voltage requirements, which can lead to a short circuit if interchanged. ---
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for the JH series of electronic modules?
    • ⤷ What are the pinout specifications for the ACNL interface variant?
    • ⤷ Can this part be cross-referenced with a standard 4.3-inch TFT display?