Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH45540960ACNDMNFZCWC

  • AI
    The part number **JH45540960ACNDMNFZCWC** appears to be a highly specific, custom-configured assembly or a serialized product code, likely originating from the automotive or specialized industrial electronics sector (such as parts used by companies like **Stellantis/Chrysler** or specialized wire harness manufacturers). While it is not a standard "off-the-shelf" integrated circuit, we can break down the typical electronics architecture of parts following this naming convention. --- ### 1. Classification and Function Based on the prefix and suffix structure, this part is generally categorized as follows: | Category | Typical Application | | :--- | :--- | | **Device Type** | Electronic Control Module (ECM) or Specialized Wiring Harness Assembly | | **Sector** | Automotive / Industrial Automation | | **Material** | Composite housing with copper-alloy pin connectors | | **Complexity** | Active system (contains circuitry) or Passive Interconnect | --- ### 2. Technical Component Breakdown Electronic parts with this nomenclature usually consist of several critical sub-layers: #### A. Connector Interface * **Pin Configuration:** Usually high-density multi-pin layouts (DMNF/ZC segments often refer to connector geometries). * **Plating:** Gold or Tin plating to prevent oxidation in harsh environments. #### B. Internal Circuitry (If Module) * **PCB Material:** FR-4 or Ceramic substrate designed for high-vibration resistance. * **Protection:** Likely contains **TVS Diodes** (Transient Voltage Suppressors) to protect against voltage spikes from a vehicle's alternator or industrial power supply. #### C. Environmental Sealing * **IP Rating:** Typically **IP67 or IP69K**, meaning it is dust-tight and resistant to high-pressure water jets. * **Potting:** The internal electronics may be encased in epoxy resin to prevent moisture ingress. --- ### 3. Key Specifications (Estimated) | Feature | Description | | :--- | :--- | | **Voltage Range** | 12V DC to 24V DC (Standard Automotive/Industrial) | | **Operating Temp** | -40°C to +125°C | | **Housing** | Thermoplastic High-Temperature Glass-Filled PBT | | **Communication** | Potentially supports CAN bus or LIN bus protocols if active | --- ### 4. Implementation Details In an electronic system, a part like the **JH45540960...** acts as a bridge. If this is a harness assembly, it ensures signal integrity through "Twisted Pair" wiring to reduce Electromagnetic Interference (EMI). ```cpp // Logic flow for an Electronic Control Module (Simplified) if (sensor_input > THRESHOLD) { activate_output(JH4554_PIN_A1); // Triggering the specific pin } ``` ---
    ✨ Follow-up Questions
    • ⤷ Is this part intended for a specific vehicle make or model?
    • ⤷ Can you provide the datasheet for the connector pinout?
    • ⤷ What is the equivalent replacement part number for this module?