Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH45540960ACNLMNTZCWC

  • AI
    Based on the alphanumeric structure provided (**JH45540960ACNLMNTZCWC**), this appears to be a highly specific **Product Code** or **Configuration String**, likely belonging to an industrial electronic component such as a high-density connector, a specialized cable assembly, or a custom PCB module. In electronics, these strings are "Smart Part Numbers" where each character group represents a specific physical or electrical attribute. --- ### Potential Breakdown of Components While this specific string may be proprietary to a manufacturer (like **TE Connectivity, Molex, or Amphenol**), we can decode the standard electronic parameters typically represented in such a sequence: | Segment | Possible Meaning | Technical Description | | :--- | :--- | :--- | | **JH** | Manufacturer/Series | Often denotes a specific product family or "Jumper Harness." | | **45540960** | Base Part Number | The fundamental hardware design or shell size. | | **AC** | Contact Plating | Typically stands for Gold (Au) or Tin (Sn) plating over Nickel. | | **NL** | Material Property | Often means "No Lead" (RoHS Compliant) or "Nylon." | | **MNT** | Mounting Style | Surface Mount (SMT), Through-Hole, or Panel Mount. | | **ZCWC** | Finish/Packaging | Specific color coding (Chrome/Zinc) or Tape & Reel packaging codes. | --- ### Core Electronic Characteristics If this part is a high-density interface (suggested by the length of the code), it likely features: 1. **Signal Integrity:** Designed for high-speed data transmission with controlled impedance. 2. **Environmental Sealing:** The "ZCWC" suffix often appears in parts rated for IP67/IP68 (water/dust resistance). 3. **Dielectric Strength:** Usually rated for 500V - 1500V AC depending on the insulation material (the "NL" or Nylon/LCP component). ### Recommended Verification Steps To get the exact datasheet for this specific part, you should check the following: * **The Manufacturer's Logo:** Look for a small "M", "TE", or "3M" on the plastic body of the part. * **Pitch Measurement:** Measure the distance between the pins (e.g., 1.27mm, 2.54mm). * **RoHS Status:** The "NL" strongly suggests the part is compliant with modern environmental lead-free standards. ---
    ✨ Follow-up Questions
    • ⤷ Which manufacturer is associated with the JH prefix in industrial electronics?
    • ⤷ What are the pin-out specifications for this specific model number?
    • ⤷ Is there a direct equivalent or replacement for the JH45540960 series?