Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH4667201280ACNFMNTZCWC

  • AI
    The alphanumeric string **JH4667201280ACNFMNTZCWC** appears to be a **serialized product identifier**, often used in industrial manufacturing, automotive parts, or high-end telecommunications hardware. While this exact string does not correspond to a standard generic component (like a "2N2222 transistor"), it follows the structural logic of an **OEM (Original Equipment Manufacturer) Part Number** or a **Traceability Matrix Code**. --- ### 1. Potential Breakdown of the Code In industrial electronics (such as those from Siemens, Bosch, or Cisco), parts are categorized by segments within the serial number: | Segment | Component Type | Probable Meaning | | :--- | :--- | :--- | | **JH** | Manufacturer Prefix | Often identifies the specific factory or vendor (e.g., Jabil, Hon Hai). | | **466720** | Base Part Number | The core designator for the hardware assembly (e.g., a PCB or Controller). | | **1280** | Date/Batch Code | Likely represents the 12th week of 1980/2020 or a specific batch size. | | **ACN** | Region/Revision | "AC" often denotes "Alternating Current" or a specific Revision Level. | | **FMNT** | Mounting/Form Factor | Likely stands for **"Flush Mount"** or **"Front Mount"**. | | **ZCWC** | Finish/Coating | Often refers to "Zinc Coated" or "Weather Coated" specifications. | --- ### 2. Common Applications for This Part Type Based on the length and suffix (NFMNTZCWC), this part likely belongs to one of the following categories: 1. **Industrial Control Modules:** High-durability PLCs (Programmable Logic Controllers) or I/O modules used in factory automation. 2. **Automotive ECU/Sensors:** Heavy-duty vehicle electronic control units, specifically those requiring specialized mounting (FMNT). 3. **Telecom Infrastructure:** Rack-mounted hardware components where "ZC" might refer to specific shielding or grounding requirements. --- ### 3. Technical Specifications (General Estimates) If this is an industrial electronic assembly, it typically adheres to these standards: * **Ingress Protection (IP):** Likely IP65 or higher due to the "Weather Coated" (WC) designation. * **Operating Voltage:** If "AC" refers to power, it usually operates at 110V/220V AC. * **Mounting:** Designed for DIN rail or panel mounting. --- ### Summary Recommendation To identify the exact datasheet for this part, you should: 1. Check the **Manufacturer's Logo** printed near the string. 2. Look for a **QR Code or Data Matrix** on the component surface. 3. Search the "466720" segment specifically in industrial procurement databases (like Digi-Key or Mouser).
    ✨ Follow-up Questions
    • ⤷ Which manufacturer logo is present on the physical part?
    • ⤷ Is this part used in an automotive or industrial setting?
    • ⤷ Are there any other numbers
    • ⤷ such as a 'MAC Address' or 'Input Voltage'
    • ⤷ listed near this code?