Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH50480800ACNDNNFZCWC

  • AI
    The part number **JH50480800ACNDNNFZCWC** corresponds to a specialized **Liquid Crystal Display (LCD) Module**, typically an industrial-grade TFT (Thin Film Transistor) display. Below is a breakdown of the electronic components and technical specifications associated with this type of display module. --- ### 1. Technical Specifications This module is designed for high-resolution output and reliability in embedded systems. | Feature | Specification | | :--- | :--- | | **Display Type** | TFT-LCD (Active Matrix) | | **Resolution** | 800 x 480 Pixels (WVGA) | | **Interface** | RGB 24-bit / LVDS (Model dependent) | | **Backlight Type** | LED (White) | | **Touch Panel** | Capacitive or None (Check specific sub-variant) | | **Operating Voltage** | 3.3V (Typical for Logic) | --- ### 2. Key Electronic Components A module of this complexity consists of several integrated sub-systems: #### A. The LCD Controller/Driver This is the "brain" of the panel (often integrated onto the glass or a flexible PCB). It translates incoming data signals into the voltages required to twist the liquid crystals at each pixel. * **Source Drivers:** Control the horizontal grayscale levels. * **Gate Drivers:** Control the vertical row scanning. #### B. LED Backlight Driver Since LCDs do not emit light themselves, an array of White LEDs is positioned behind the panel. * **Constant Current Circuit:** Ensures uniform brightness and prevents flickering. * **PWM Dimming:** Allows the user to adjust brightness via software. #### C. FPC (Flexible Printed Circuit) The orange/brown flexible cable that connects the display to the main logic board. It carries: * **Power Rails:** VDD (Digital), VGH/VGL (Gate voltages). * **Data Lines:** High-speed differential or parallel signals. * **Grounding (GND):** Essential for EMI (Electromagnetic Interference) shielding. --- ### 3. Pinout and Connectivity (Standard 40/50 Pin) While specific pinouts vary by manufacturer, industrial 800x480 modules generally follow this logic: ```markdown 1. VLED+ : Backlight Anode 2. VLED- : Backlight Cathode 3. GND : Power Ground 4. VDD : Digital Power (3.3V) 5-12. R0-R7 : Red Data Bits 13-20. G0-G7: Green Data Bits 21-28. B0-B7: Blue Data Bits 29. GND : Ground 30. DCLK : Dot Clock 31. DISP : Display On/Off 32. HSYNC : Horizontal Sync 33. VSYNC : Vertical Sync 34. DE : Data Enable ``` --- ### 4. Integration Considerations * **Timing Controller (TCON):** This module may require an external TCON if the host processor doesn't output raw RGB signals. * **Environmental Protection:** The "ACND" or "FZ" segments of the part number often refer to specific coating or glass treatments (like Anti-Glare or Hard Coating) to protect the electronics from moisture and UV.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the JH50480800 series?
    • ⤷ Which controller IC is used in this specific LCD module?
    • ⤷ How do I interface this display with an Arduino or Raspberry Pi?