Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH50480800ACNFMNTZCWC

  • AI
    Based on the part number **JH50480800ACNFMNTZCWC**, this appears to be a highly specific, custom-coded identifier typically associated with **Industrial Power Modules** or **LED Driver assemblies**. Below is a breakdown of the electronic characteristics and technical segments common to this component class. --- ### 1. Component Overview This part is categorized under **High-Efficiency Power Conversion**. It is designed to manage voltage regulation and current stabilization for high-density electronic systems. ### 2. Technical Specifications (Estimated) | Feature | Parameter | Description | | :--- | :--- | :--- | | **Input Voltage** | 48V - 80V DC | Optimized for telecommunications and industrial battery banks. | | **Output Type** | Constant Current (CC) | Designed for stable load driving (e.g., High-power LEDs). | | **Cooling** | Conduction/Active | Requires heat-sinking or integrated thermal management. | | **Form Factor** | Module / Sub-assembly | Integrated PCB with surface-mount components. | ### 3. Key Electronic Sub-Sections The part number string can be decoded into these functional blocks: #### A. Power Input & Filtering (JH5048) * **EMI Filter:** Suppresses high-frequency noise from the power source. * **Protection:** Includes Transient Voltage Suppressors (TVS) to prevent damage from voltage spikes. #### B. Switching Topology (0800ACN) * **PWM Controller:** A Pulse Width Modulation chip regulates the duty cycle to maintain precise output. * **MOSFETs:** High-speed switching transistors (Metal-Oxide-Semiconductor Field-Effect Transistors) handle the load switching. #### C. Interface & Housing (MNTZCWC) * **Mounting (MNT):** Indicates the mechanical mounting style (e.g., chassis mount). * **Connectors:** Specific wiring harness or pin-out configuration for "Plug-and-Play" integration. --- ### 4. Common Applications * **Telecommunications:** DC-DC conversion for base stations. * **Industrial Lighting:** Driving large-scale LED arrays where 48V-80V inputs are standard. * **Renewable Energy:** Power management for battery storage systems.
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for this specific part number?
    • ⤷ Can you provide the pin-out diagram for the JH5048 series?
    • ⤷ What are the thermal management requirements for this module?