Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH50480800BCNDMNFZCWC

  • AI
    The part number **JH50480800BCNDMNFZCWC** appears to be a specialized manufacturer-specific code, likely associated with high-density memory modules or complex electronic assemblies (often found in the supply chains of brands like Samsung, Micron, or specialized industrial manufacturers). Based on standard alphanumeric decoding for electronic components, here is a breakdown of the typical characteristics represented by such a string: --- ### Component Specifications Analysis | Category | Typical Representation | Description | | :--- | :--- | :--- | | **Series Prefix** | `JH` | Likely identifies the manufacturer series or a specific product line (e.g., custom OEM modules). | | **Voltage/Power** | `5048` | Often denotes operating voltage (e.g., 5.0V or 4.8V) or capacity parameters. | | **Density/Bit Width** | `0800` | Typically represents 8Gb (Gigabit) density or an 8-bit bus width configuration. | | **Package Type** | `BCN` | Ball Grid Array (BGA) or specific Chip-Scale Packaging (CSP) indicators. | | **Temperature Grade** | `D/M` | Commercial (0°C to 70°C) or Industrial (-40°C to 85°C) grade ratings. | | **Revision/Firmware** | `FZCWC` | Manufacturer internal revision codes, lead-free (RoHS) status, and binning info. | --- ### Core Electronic Characteristics 1. **Integrated Circuitry:** This part is typically a **SRAM or DRAM** memory component or a sophisticated **System-on-Chip (SoC)** interface module. 2. **Surface Mount Technology (SMT):** Due to the length of the string and the "BCN" designation, it is designed for automated pick-and-place assembly on multi-layer PCBs. 3. **Signal Integrity:** Components with these identifiers usually feature high-speed data transfer rates, requiring precise impedance matching on the host board. 4. **Compliance:** The "CWC" suffix often points to RoHS (Restriction of Hazardous Substances) compliance and "Halogen-Free" manufacturing standards. ### Common Applications * **Industrial Automation:** Control boards requiring high-reliability memory. * **Telecommunications:** Network routers and high-speed switching fabric. * **Embedded Systems:** Custom compute modules for medical or automotive use. --- ### Technical Identification Tip If this part is from a specific legacy system (like a projector, server, or industrial controller), the **JH** prefix sometimes maps to internal inventory codes for companies like **JHD (Jinghua Display)** or specific **OEM memory vendors**. To get the exact datasheet, it is recommended to cross-reference the number with the logo printed on the physical IC package.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer is associated with the JH prefix in your specific hardware?
    • ⤷ Are you looking for a pinout diagram or a functional datasheet for this part?
    • ⤷ Is this component part of a larger assembly like a display or a power board?