Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH50480800BCNUMNTHCWC

  • AI
    The part number **JH50480800BCNUMNTHCWC** follows a specific nomenclature typically associated with high-density components, often found in the supply chain for **LCD/LED Display Panels** or specialized **Memory/Semiconductor** modules. Below is a breakdown of the electronic characteristics and structural components associated with this type of identifier. --- ### 1. Component Specification Overview While specific data sheets for long-form alphanumeric strings are often proprietary to manufacturers (like BOE, Innolux, or Samsung), the code can be decoded based on industry standards: | Segment | Possible Definition | Description | | :--- | :--- | :--- | | **JH** | Manufacturer Prefix | Often identifies the factory or series (e.g., Jinhui or specialized OEM). | | **50** | Size/Voltage | Likely refers to a 5.0-inch diagonal or a 50V rating depending on context. | | **480800** | Resolution | Indicates a pixel density of **480 x 800** (WVGA), common in industrial handhelds. | | **BCNU** | Technical Spec | Highlighting Backlight Type (B), Connector Type (C), and NTSC gamut (N). | | **THCWC** | Revision/Interface | "TH" often refers to Through-hole or specific Thermal ratings; "WC" refers to Wide Color or Wire Connector. | --- ### 2. Key Electronic Characteristics If this part is an **LCD Display Module** (the most likely category for this syntax), it consists of the following electronic sub-systems: #### A. The Timing Controller (T-CON) The "brain" of the module that translates the input video signal (LVDS or MIPI) into the horizontal and vertical drive signals required by the glass. #### B. Driver ICs (Source and Gate Drivers) * **Gate Drivers:** Control the rows of the display, turning pixels "on" or "off." * **Source Drivers:** Control the voltage levels for each column to determine the grayscale/color depth. #### C. Backlight Unit (BLU) * Consists of a string of **White LEDs (WLED)**. * Requires a constant current driver circuit to manage brightness and prevent thermal runaway. #### D. Flex PCB (FPC) The orange/brown flexible circuit board that connects the panel to the main logic board. It houses passive components like capacitors for noise filtering and resistors for impedance matching. --- ### 3. Application Use Cases Components with these specifications are typically integrated into: 1. **Industrial HMIs:** Control panels for factory machinery. 2. **Medical Monitors:** Low-power, high-reliability handheld diagnostic tools. 3. **Automotive Dashboards:** Secondary displays for climate control or status monitoring. --- ### 4. Technical Pinout Considerations When interfacing with this part, engineers must verify: * **Interface Type:** (e.g., 24-bit RGB, SPI, or MIPI DSI). * **Logic Voltage (VDD):** Usually 3.3V. * **Backlight Voltage (VLED):** Typically ranges from 12V to 25V depending on the series/parallel LED configuration.
    ✨ Follow-up Questions
    • What is the exact interface type (RGB or MIPI) for this specific part number?
    • Can you provide the pinout diagram for the FPC connector?
    • What is the recommended LED driver current for the backlight?