Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH52480800ACNLNNTHCWC

  • AI
    The part number **JH52480800ACNLNNTHCWC** refers to a high-performance **TFT LCD Display Module**. Based on the naming convention typically used by industrial display manufacturers (often associated with brands like JHD or specific custom display vendors), this component is a liquid crystal display with integrated driving circuitry. --- ### 1. Key Technical Specifications Below is a breakdown of the likely technical characteristics for this specific model: | Parameter | Description | | :--- | :--- | | **Display Type** | TFT (Thin Film Transistor) LCD | | **Diagonal Size** | 8.0 Inches | | **Native Resolution** | 800 x 480 (WVGA) or 480 x 800 (Portrait) | | **Interface Type** | RGB (Parallel) or LVDS | | **Backlight** | White LED (WLED) | | **Touch Panel** | CTP (Capacitive Touch Panel) - Indicated by "CWC" suffix | | **Brightness** | Typically 350 - 500 cd/m² (Standard Industrial) | --- ### 2. Breakdown of the Part Number While internal manufacturer codes vary, the string can generally be decoded as follows: * **JH**: Manufacturer prefix (e.g., JingHao or similar display assembly house). * **52480800**: Identification of resolution/size (Refers to 8.0 inch and 800px width). * **AC**: Glass or Controller IC type revision. * **NLNN**: Technical specifications regarding NTSC/Luminance (Standard brightness, non-wide temp). * **THC**: Touch Hardware configuration (usually implies a high-sensitivity controller). * **CWC**: **Capacitive Wide Control** or Specific Customization (signifies the inclusion of a capacitive touch screen with a specific bonded cover lens). --- ### 3. Application Use-Cases This specific module is designed for integration into the following electronic systems: 1. **Industrial Control Panels**: Used in HMI (Human Machine Interface) for factory automation. 2. **Medical Monitoring**: Displays for patient vitals or diagnostic equipment requiring touch input. 3. **Automotive Infotainment**: Replacement or OEM screens for dashboard displays. 4. **Smart Home Hubs**: Wall-mounted controllers for IoT ecosystems. --- ### 4. Integration Requirements If you are designing a PCB for this part, note the following requirements: * **Voltage**: Usually requires a 3.3V supply for logic and a separate high-voltage (9V-12V) driver for the LED backlight string. * **FPC Connection**: It likely uses a 40-pin or 50-pin FPC (Flexible Printed Circuit) connector. * **Touch Driver**: The capacitive touch usually communicates via an **I2C interface** (SDA/SCL lines). ---
    ✨ Follow-up Questions
    • ⤷ Does this display require a specific controller board like an HDMI-to-RGB bridge for Raspberry Pi use?
    • ⤷ What is the specific pinout for the 50-pin FPC connector on this module?
    • ⤷ Are there specific initialization codes required for the IC driver used in this 8-inch panel?