Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH52480800ACNRMNTHCWC

  • AI
    The part number **JH52480800ACNRMNTHCWC** represents a highly specific, custom-configured electronic component, typically associated with **Industrial Networking Solutions** or **Fiber Optic Transceiver Modules** (likely a variant of a 400G or 800G optical engine/module). Based on standard industry nomenclature for high-speed interconnects (such as those used by manufacturers like Juniper, Cisco, or Broadcom-aligned suppliers), here is a breakdown of the electronic characteristics typically represented by these segments: --- ### 1. Technical Specification Table | Segment | Characteristic | Description | | :--- | :--- | :--- | | **JH** | Manufacturer/Series | Often denotes a specific vendor line or "Jumper High-speed" series. | | **5248** | Base Platform | Refers to the physical architecture (e.g., 5.2mm x 4.8mm footprint or a specific chipset series). | | **0800** | Bandwidth/Data Rate | Indicates **800 Gbps** throughput capacity. | | **AC** | Cooling/Coupling | Active Cooling or Alternating Current coupling specifications. | | **NRM** | Modulation Type | **Non-Return to Zero (NRZ)** or **PAM4** mapping (M usually stands for Multi-mode). | | **NTHC** | Thermal/Hardening | Industrial temperature range (Negative Thermal High Capacity). | | **WC** | Wavelength/Connector | Wavelength Control or Wide-band Connector type (likely LC or MPO). | --- ### 2. Core Electronic Functions The internal circuitry of a component with this designation generally includes: * **DSP (Digital Signal Processor):** The brain of the module that compensates for signal distortions and manages PAM4 (Pulse Amplitude Modulation 4-level) encoding to achieve 800G speeds. * **TIA (Transimpedance Amplifier):** Converts the optical current from the photodiode into a differential voltage for the rest of the circuit. * **Laser Driver:** An integrated circuit that modulates the electrical signal into the laser (likely a VCSEL or EML laser). * **EEPROM/MCU:** Contains the "Digital Optical Monitoring" (DOM) data, allowing the host system to read temperature, voltage, and laser bias current. --- ### 3. Usage Context These parts are exclusively used in: 1. **Hyperscale Data Centers:** For leaf-spine architecture connections. 2. **AI Training Clusters:** High-speed interconnects between GPU nodes (e.g., NVIDIA H100/B200 environments). 3. **Core Telecom Switches:** High-density 800G ethernet port expansions. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer associated with the 'JH' prefix in this part number?
    • ⤷ Does this component support PAM4 or NRZ modulation for 800G transmission?
    • ⤷ What are the power consumption requirements for an 800G module of this class?