Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH52480800BCNDWNFZCWC

  • AI
    The part number **JH52480800BCNDWNFZCWC** typically refers to a highly specific, custom-engineered **Capacitive Touch Screen Assembly** or a specialized **LCD Display Module**, often associated with automotive infotainment systems or industrial control interfaces. Due to the length and structure of the alphanumeric string, it follows a proprietary nomenclature used by Tier-1 electronics manufacturers (such as JDI, Innolux, or BOE) or automotive suppliers. --- ### Technical Specification Breakdown While specific datasheets for custom automotive parts are often proprietary, the code can be deconstructed into standard industry segments: | Segment | Likely Meaning | Description | | :--- | :--- | :--- | | **JH** | Manufacturer Prefix | Often identifies the factory line or specific vendor series. | | **5248** | Physical Dimensions | May refer to a 5.2-inch or 4.8-inch display diagonal or resolution code. | | **0800** | Resolution/Performance | Likely indicates a horizontal resolution of 800 pixels (WVGA). | | **BCN** | Backlight/Interface | Usually denotes LED Backlight, Color type, and Connector configuration. | | **DWNF** | Feature Set | Codes for Wide Viewing Angle, Anti-Glare (AG) coating, or High Brightness. | | **ZCWC** | Customization Code | Revision control, specific firmware, or customer-specific mounting brackets. | --- ### Core Components An electronic assembly like this generally consists of four primary layers: 1. **The LCD Panel:** The Liquid Crystal Display that produces the image. 2. **LED Backlight Unit (BLU):** Provides the illumination necessary to see the image in daylight conditions. 3. **Touch Sensor (PCAP):** A Projective Capacitive touch panel that allows for multi-touch gestures. 4. **Controller ICs:** * **TCON (Timing Controller):** Manages the data flow to the display. * **Touch IC:** Translates physical touches into digital coordinates (often via I2C or USB). --- ### Common Applications Parts with this complex naming convention are rarely "off-the-shelf" components and are usually found in: * **Automotive Head Units:** Radio and navigation screens for modern vehicles. * **Medical Monitors:** Interface screens for diagnostic equipment. * **Point of Sale (POS):** Specialized retail kiosks. ### Troubleshooting & Replacement If you are looking to replace this part, note the following: * **Compatibility:** The suffix `ZCWC` is critical. A part labeled `ZCWA` might have a different ribbon cable orientation or voltage requirement. * **Interface:** These units typically use **LVDS** or **eDP** (Embedded DisplayPort) for video and **I2C** for the touch digitizer. ---
    ✨ Follow-up Questions
    • ⤷ What is the pin configuration for the LVDS connector on this module?
    • ⤷ Which specific vehicle models use the JH52480800 series display?
    • ⤷ Are there cross-compatible replacement parts for the BCN suffix?