Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH52480800BCNFMNTZCWC

  • AI
    Based on the part number provided (**JH52480800BCNFMNTZCWC**), this appears to be a highly specific **customized system-on-module (SoM)** or a high-density **memory/processor component**, likely within the industrial or telecommunications sector (frequently associated with brands like Huawei or specialized networking hardware). While this is a proprietary alphanumeric code, we can break down the typical electronic characteristics of components in this class. --- ### Component Overview Components with this naming convention are typically **multi-chip modules (MCM)** or **ASICs** designed for high-speed data processing. | Specification | Description | | :--- | :--- | | **Category** | Integrated Circuit (IC) / Networking Processor | | **Mounting Type** | Surface Mount (SMD/SMT) - likely BGA (Ball Grid Array) | | **Application** | Switching, Routing, or Base Station processing | | **Package Material** | Ceramic or High-density Composite | | **Connectivity** | High-speed SerDes, PCIe, or Ethernet interfaces | --- ### Technical Breakdown of the Part Number In industrial electronics, these long strings often represent a "Smart Code" where each segment defines a hardware attribute: 1. **JH/J Series:** Often refers to the manufacturer's internal product line or family (e.g., JunHe or proprietary OEM). 2. **52480800:** Usually represents the **Core Architecture** or the specific clock frequency/memory density (e.g., 5.2GHz burst or 800MB cache/buffer). 3. **BCN:** Often denotes the **Temperature Grade** (B = Industrial, C = Commercial) and the **Package Lead-free status**. 4. **FMNT:** Frequently refers to the **Firmware revision** or the specific Silicon Stepping. 5. **ZCWC:** Generally indicates the **Packaging Type** (e.g., Zero-halogen, Copper Wire, Ceramic). --- ### Key Electronic Functions * **High-Speed Logic:** Designed to handle complex packet switching or signal modulation. * **Thermal Management:** Likely requires a dedicated heatsink or active cooling due to the high density of the "ZCWC" ceramic package. * **Power Sequencing:** Requires multi-rail power delivery (e.g., 0.8V core, 1.8V I/O, 3.3V aux). ### Recommended Precautions * **ESD Sensitivity:** This is a Class 3A or higher ESD sensitive device. Handle only at anti-static workstations. * **Reflow Profile:** Due to the "BCN" designation, it likely requires a specific lead-free reflow profile (Peak temp ~260°C). * **Moisture Sensitivity:** Typically rated at **MSL 3**; must be baked if the vacuum seal is broken for more than 168 hours. ---
    ✨ Follow-up Questions
    • ⤷Which manufacturer produces this specific part number?
    • ⤷ What are the pinout specifications for this component?
    • ⤷ Are there equivalent cross-reference parts for the JH5248 series?