Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH70800480BCNDMNFZCWC

  • AI
    Based on the part number **JH70800480BCNDMNFZCWC**, this component belongs to a specialized category of **TFT LCD Display Modules**. While these long alphanumeric strings are often manufacturer-specific (likely from a specialist display factory like Jinhui or similar industrial providers), the code follows standard industry conventions for display specifications. --- ## Technical Component Breakdown The following table breaks down what the segments of this part number typically represent in the electronics industry: | Segment | Feature | Probable Description | | :--- | :--- | :--- | | **JH** | Manufacturer | Brand identifier (often Jinhui or JingHao). | | **70** | Display Size | **7.0-inch** diagonal screen size. | | **800480** | Resolution | **800 x 480 pixels** (WVGA standard). | | **BCN** | Backlight/Color | High-brightness LED backlight; Normal color gamut. | | **DMN** | Interface | Likely **RGB 24-bit** or **LVDS** interface. | | **FZ** | Specialized | Anti-glare coating or specific FPC (Flexible Printed Circuit) design. | | **CWC** | Touch/Cover | Capacitive Window Control (Indicates a **Capacitive Touch Screen**). | --- ## Key Electronic Characteristics ### 1. Display Technology * **Panel Type:** TFT (Thin Film Transistor) Active Matrix. * **Aspect Ratio:** 15:9 (standard for 7-inch industrial displays). * **Color Depth:** Usually 16.7 million colors (8-bit) or 262k colors (6-bit). ### 2. Physical & Electrical Specs * **Operating Voltage:** Typically **3.3V** for logic and **5.0V - 12V** for the LED backlight driver. * **Connector:** Often a 40-pin or 50-pin FPC (Flexible Printed Circuit) ribbon cable. * **Backlight:** White LED array, usually requiring a constant current driver. ### 3. Touch Interface The "CWC" suffix strongly implies a **Capacitive Touch Panel (CTP)**. * **Controller IC:** Usually integrated on the ribbon cable (e.g., GT911 or FT5426). * **Communication:** Communicates with the main MCU/Processor via **I2C interface**. --- ## Common Applications These specific 7-inch modules are widely used in: * **Industrial Control:** HMI (Human Machine Interface) panels. * **Automotive:** Aftermarket infotainment screens or dashboard displays. * **Medical:** Patient monitoring device interfaces. * **Smart Home:** Wall-mounted automation controllers. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the RGB interface on this 7-inch display?
    • ⤷ Which I2C address is typically used for the capacitive touch controller in this series?
    • ⤷ How can I calculate the power consumption for the LED backlight on this module?