Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JM-105W-R

  • AI
    The **JM-105W-R** is a high-performance, single-pole high-power electromagnetic relay commonly used in automotive electronics, industrial automation, and power control systems. It is designed to handle high current loads while maintaining a compact footprint. --- ### 1. Key Technical Specifications The following table highlights the primary electronic characteristics of the JM-105W-R: | Parameter | Specification | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO) / 1 Form C (SPDT) | | **Max Switching Current** | 30A to 40A (depending on voltage) | | **Max Switching Voltage** | 250VAC / 28VDC | | **Coil Nominal Voltage** | 5V, 12V, 24V DC (Variant dependent) | | **Coil Power Consumption** | Approx. 0.9W | | **Dielectric Strength** | 2,500VAC (between coil and contacts) | | **Insulation Resistance** | 1,000MΩ Min. (at 500VDC) | | **Life Expectancy (Electrical)** | 100,000 operations | --- ### 2. Electronic Component Breakdown #### A. Contact Material The contacts are typically made of **Silver Alloy (AgSnO2 or AgCdO)**. This choice is critical for: * **Arc Resistance:** Minimizing erosion when switching high currents. * **Conductivity:** Ensuring low contact resistance to prevent overheating. #### B. The Coil Assembly The coil acts as the electromagnet. When energized, it creates a magnetic field that pulls the armature. * **Sensitivity:** Designed to operate with relatively low power (900mW) compared to the large loads it switches. * **Protection:** It is recommended to use a flyback diode (e.g., 1N4007) in parallel with the coil to protect driving circuits from inductive spikes. #### C. Housing and Insulation * The outer casing is usually **PBT (Polybutylene Terephthalate)**, which provides high heat resistance and electrical insulation. * **Sealed Construction:** Often available in "Wash Tight" or "Flux Proof" versions to prevent contaminants from entering the contact area. --- ### 3. Connection Pinout Diagram While specific layouts can vary slightly by manufacturer, the standard JM-105W-R footprint usually follows this logic: ```text [Top View] +-------------+ | (1) (2) | <-- Coil Terminals | | | (3) (4) | <-- Switch Terminals (Common/NO) +-------------+ ``` --- ### 4. Common Applications Due to its 30A-40A rating, this part is found in: * **HVAC Systems:** Controlling compressors and fan motors. * **Automotive:** Power windows, seat heaters, and fuel pump controls. * **Smart Home:** High-power smart plugs and water heater controllers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 1 Form A and 1 Form C versions of this relay?
    • ⤷ How do I calculate the correct flyback diode for the JM-105W-R?
    • ⤷ Can this relay be used for switching inductive loads like large AC motors?