Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JM-11D-R

  • AI
    The **JM-11D-R** is a specific model of a **Miniature Intermediate Power Relay**. These components are widely used in industrial control systems, HVAC, and household appliances to switch high-current loads using a low-power control signal. --- ### 1. Key Technical Specifications The "JM-11D-R" nomenclature usually refers to a PCB-mounted relay with the following common electrical characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO) or 1 Form C (SPDT) | | **Coil Voltage** | Typically 12V DC or 24V DC (Model dependent) | | **Contact Rating** | 5A to 10A @ 250VAC / 30VDC | | **Mounting Type** | Through-hole PCB Mount | | **Termination** | Solder Pins | | **Insulation Resistance** | 1,000 MΩ Min (at 500VDC) | --- ### 2. Internal Electronic Construction The JM-11D-R consists of several critical electronic and mechanical parts: 1. **Electromagnetic Coil:** A fine copper wire winding around an iron core. When energized, it creates a magnetic field. 2. **Armature:** A moving metal piece that is attracted by the magnetic field of the coil. 3. **Spring Mechanism:** Ensures the armature returns to its original position once power is removed from the coil. 4. **Contacts:** Usually made of **Silver Alloy** (AgSnO2 or AgCdO) to resist "arcing" and welding under high current loads. 5. **Yoke:** Provides a low-reluctance path for magnetic flux. --- ### 3. Connection Diagram (General) In a typical circuit, the pins are arranged as follows: ```text Control Side (Low Power) Load Side (High Power) [ Pin 1 ] --- ( Coil ) --- [ Pin 2 ] | [ Pin 3 ] (Common) <--- [ Switch ] ---> [ Pin 4 ] (NO) ``` --- ### 4. Typical Applications * **Smart Home:** Controlling light switches or motorized blinds via a microcontroller (like Arduino or ESP32). * **Industrial Automation:** Acting as an interface between a PLC (Programmable Logic Controller) and a heavy motor. * **Power Supplies:** Providing isolation between high-voltage AC inputs and low-voltage DC outputs.
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage for the '12V' version of the JM-11D-R?
    • ⤷ Can this relay be used to switch inductive loads like motors?
    • ⤷ What is the difference between the 'R' suffix and standard models?