Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JM-146-R

  • AI
    Based on the technical specifications for the **JM-146-R** (commonly identified as a **Microphone Transformer** or an **Audio Isolation Transformer**), here is a detailed breakdown of its electronic components and characteristics. --- ## 1. Core Technical Specifications The JM-146-R is primarily used in professional audio equipment to match impedance or provide electrical isolation. | Parameter | Specification | | :--- | :--- | | **Turns Ratio** | 1:1 (standard) or 1:10 (variant dependent) | | **Impedance Range** | 150Ω to 600Ω (Input) / 15kΩ to 50kΩ (Output) | | **Frequency Response** | 20Hz to 20kHz (+/- 1dB) | | **Magnetic Shielding** | Mu-metal can (typical for "R" suffix) | | **Mounting Type** | PCB Through-hole or Chassis Mount | --- ## 2. Key Electronic Components The internal construction of the JM-146-R consists of three primary electronic elements: ### A. The Mu-Metal Housing The "R" in the part number often signifies a rounded or **Mu-metal shielded** enclosure. * **Function:** It protects the delicate internal signals from Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI). * **Material:** High-permeability nickel-iron alloy. ### B. Core Material The core is the heart of the transformer, responsible for magnetic induction. * **Laminations:** It uses thin, stacked laminations of nickel or cobalt alloys. * **Purpose:** Minimizes eddy current losses and ensures a linear frequency response across the audible spectrum. ### C. Copper Windings * **Primary Winding:** Connects to the input source (e.g., a microphone capsule). * **Secondary Winding:** Connects to the output (e.g., a pre-amplifier stage). * **Insulation:** High-grade enamel coating to prevent short circuits between turns. --- ## 3. Application Use Cases The electronic design of the JM-146-R makes it suitable for specific audio tasks: 1. **Impedance Matching:** Converting a low-impedance microphone signal to a high-impedance input for a tube or solid-state amplifier. 2. **Galvanic Isolation:** Breaking ground loops to eliminate "hum" and "buzz" in audio signals. 3. **Signal Balancing:** Converting an unbalanced signal (two-wire) to a balanced signal (three-wire/XLR) for long cable runs. --- ## 4. Typical Connection Diagram ```text [Input Source] ----> [Primary Winding (JM-146-R)] <---- Magnetic Coupling ----> [Secondary Winding] ----> [Output] (Pin 1) (Pin 3) (Pin 2) (Pin 4) ```
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the JM-146-R?
    • ⤷ How does Mu-metal shielding compare to standard steel shielding in audio transformers?
    • ⤷ Can this transformer be used for phantom power applications?