Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JM-14E-R

  • AI
    The **JM-14E-R** typically refers to a high-performance **Electromagnetic Relay** or a specialized **Electronic Control Component** often used in industrial automation, PCB assemblies, or communication equipment. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications The JM-14E-R series is defined by its switching capability and physical footprint. | Feature | Specification (Typical) | | :--- | :--- | | **Contact Form** | 1C (SPDT - Single Pole Double Throw) | | **Coil Voltage** | 5V, 12V, or 24V DC (Standard versions) | | **Switching Current** | Up to 10A / 16A (Depending on specific sub-model) | | **Switching Voltage** | 250VAC / 30VDC | | **Contact Resistance** | $\leq$ 100m$\Omega$ | | **Insulation Resistance** | 1000M$\Omega$ (at 500VDC) | | **Dielectric Strength** | 5000VAC (between coil and contacts) | --- ## 2. Key Electronic Components & Materials The device consists of several critical internal parts that define its reliability: 1. **The Coil:** A copper-wound electromagnetic core that creates a magnetic field when energized to pull the armature. 2. **The Contacts:** Usually made of **Silver Alloy (AgSnO2 or AgCdO)** to resist "pitting" and welding under high-current loads. 3. **Spring Mechanism:** Provides the mechanical force to return the contact to the "Normally Closed" (NC) position when power is removed. 4. **Sealing Case:** The "R" in the suffix often denotes a **sealed** or **wash-tight** construction, protecting the internal electronics from flux during soldering or environmental dust. --- ## 3. Terminal Configuration Most JM-14E-R modules follow a standard PCB pinout: * **Pins 1 & 2:** Coil Terminals (Non-polarized, unless a protection diode is integrated). * **Pin 3:** Common (COM). * **Pin 4:** Normally Closed (NC). * **Pin 5:** Normally Open (NO). --- ## 4. Application Areas Because of its high dielectric strength and compact size, this part is found in: * **Home Appliances:** Microwave ovens, air conditioners, and heaters. * **Industrial Control:** PLC output modules and motor starters. * **Power Supplies:** Surge protection and UPS switching circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage rating for your specific JM-14E-R unit?
    • ⤷ Are you looking for a pin-compatible replacement or equivalent for this part?
    • ⤷ Does your application require the 'wash-tight' sealed version of this relay?