Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JM-1BB-R

  • AI
    The **JM-1BB-R** is a specific part number typically associated with high-precision **SMD (Surface Mount Device) Crystal Oscillators** or related frequency control components. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview The JM-1BB-R is a quartz-based crystal unit designed for timing and synchronization in electronic circuits. It acts as the "heartbeat" for microprocessors and digital communication modules. ### Key Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Quartz Crystal (Passive) | | **Mounting Type** | Surface Mount (SMD) | | **Package Size** | Typically 3.2mm x 2.5mm or 2.0mm x 1.6mm (varies by series) | | **Common Frequency** | Often 12.000 MHz or 24.000 MHz (Check specific datasheet) | | **Load Capacitance** | Generally 8pF to 12pF | | **Frequency Tolerance** | ±10ppm to ±30ppm | | **RoHS Status** | Fully Compliant (Lead-Free) | --- ## 2. Pin Configuration and Internal Logic Most oscillators in this series use a 4-pad layout. Even though it is a passive crystal, the four pads provide mechanical stability and grounding. ### Terminal Layout | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Crystal Terminal | Connection to Input | | **2** | Ground (GND) | Connected to the metal lid for EMI shielding | | **3** | Crystal Terminal | Connection to Output | | **4** | Ground (GND) | Connected to the metal lid | --- ## 3. Critical Operating Parameters To ensure the JM-1BB-R functions correctly within a circuit, engineers must match it with the following parameters: ### Frequency Stability This indicates how much the frequency drifts due to temperature changes. The "R" suffix often denotes a specific temperature range (typically **-40°C to +85°C** for industrial grade). ### Drive Level The maximum power the crystal can withstand. Exceeding this (usually $>100 \mu W$) can cause physical damage to the quartz blank or lead to frequency "aging." ### Equivalent Series Resistance (ESR) A lower ESR (e.g., $40\Omega - 80\Omega$) is preferred because it allows the oscillator circuit to start up faster and operate with lower power consumption. --- ## 4. Typical Applications The JM-1BB-R is commonly integrated into the following systems: * **IoT Devices:** Low-power wireless sensors (Zigbee, Bluetooth). * **Computing:** Clock generation for USB controllers and MCU units. * **Automotive:** Infotainment systems and sensor clusters. * **Consumer Electronics:** Wearables and handheld gadgets. ---
    ✨ Follow-up Questions
    • ⤷What is the exact frequency value for the JM-1BB-R variant I have?
    • ⤷ How do I calculate the correct load capacitors for this crystal?
    • ⤷ Is this part compatible with automotive AEC-Q200 standards?