Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JN-R

  • AI
    The **JN-R** (often associated with high-performance BLDC motor controllers or specific inverter boards used in electric vehicles and industrial automation) refers to a series of electronic control units. Below is an analysis of the typical electronic architecture and key components found in these units. --- ### Core Electronic Components | Component Category | Key Parts | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | ARM Cortex or STM32 Series | The "brain" that processes throttle signals and manages PWM logic. | | **Power Stage** | MOSFETs or IGBTs | High-current switches that drive the phases of the motor. | | **Gate Drivers** | IR (International Rectifier) or TI chips | Amplifies low-voltage signals from the MCU to trigger the Power Stage. | | **Capacitors** | High-Voltage Electrolytic | Smooths voltage ripples and prevents spikes from damaging the board. | | **Current Sensors** | Shunt Resistors or Hall Effect | Monitors the amperage to prevent overcurrent and manage torque. | --- ### Functional Block Diagram 1. **Input Filtering:** Uses a series of capacitors and diodes to protect against reverse polarity and initial surge currents. 2. **Logic Regulation:** A Step-down (Buck) converter reduces the battery voltage (e.g., 48V-72V) to 5V or 3.3V for the MCU. 3. **Phase Control:** The controller uses **Pulse Width Modulation (PWM)** to switch the MOSFETs rapidly, simulating an AC wave for the motor. 4. **Heat Dissipation:** The electronic parts are usually mounted on an aluminum substrate (PCB) or directly to the casing using thermal paste. ### Technical Specifications (Common for JN-R Controllers) ```cpp // Typical Firmware Parameters for JN-R series #define RATED_VOLTAGE 48 // Volts #define MAX_CURRENT 25 // Amperes #define CUTOFF_VOLTS 39 // Low voltage protection #define PHASE_ANGLE 120 // Degree shift for BLDC ``` --- ### Maintenance & Troubleshooting * **Blown MOSFETs:** Often caused by overheating or motor stalls. This results in the motor "locking up" or feeling heavy to turn. * **Capacitor Leakage:** Usually visible as bulging tops; leads to erratic performance under load. * **Trace Corrosion:** Common in units without IP67 rating; requires cleaning and resoldering.
    ✨ Follow-up Questions
    • ⤷ What are the specific MOSFET models used in the 48V JN-R controller?
    • ⤷ How do I rewire a JN-R controller if the color codes don't match my motor?
    • ⤷ What is the difference between JN-R and JN-S series controllers?