Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JN2DS10SL3-R

  • AI
    The **JN2DS10SL3-R** is a high-performance, waterproof circular connector manufactured by **JAE (Japan Aviation Electronics)**. It belongs to the JN2 series, which is designed for industrial applications requiring durability and ease of use. --- ### 1. General Specifications This part is a **10-contact, straight plug** connector. It is primarily used in small motors and industrial machinery. | Feature | Specification | | :--- | :--- | | **Manufacturer** | JAE (Japan Aviation Electronics) | | **Number of Contacts** | 10 | | **Gender** | Plug (Male Housing) | | **Termination Method** | Solder (Contacts sold separately or integrated) | | **Rated Current** | 3A per contact | | **Rated Voltage** | 200 VAC | | **Ingress Protection** | IP67 (Waterproof when mated) | --- ### 2. Key Design Features * **One-Touch Locking:** It features a "push-twist" locking mechanism that allows for quick mating and unmating, making it ideal for environments where vibration is present. * **Space-Saving:** The "SL" designation refers to the slim and compact shell design, allowing it to fit into tight spaces in robotic arms or CNC machines. * **Durability:** The outer shell is typically made of a synthetic resin, which provides high insulation and resistance to corrosion while remaining lightweight. * **Environmental Sealing:** When mated, the connector achieves an **IP67 rating**, meaning it is dust-tight and can withstand immersion in water up to 1 meter for 30 minutes. --- ### 3. Pinout and Internal Construction The JN2DS10SL3-R is designed for signal transmission. The "10" in the part number indicates it has 10 positions. * **Shell Size:** S (Small) * **Contact Type:** Usually requires **Socket (Female)** contacts if the plug is the "pin holder" or vice versa depending on the specific JN2 configuration. * **Grounding:** Includes a ground contact that connects to the shell for EMI shielding/safety. --- ### 4. Common Applications Due to its rugged nature, this connector is frequently found in: 1. **Industrial Robots:** Connecting sensors and control signals. 2. **Servo Motors:** Specifically used for encoder connections. 3. **Machine Tools:** Providing power and signal to peripheral devices. 4. **Medical Equipment:** Where waterproof cleaning may be necessary. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible contact part numbers for the JN2DS10SL3-R?
    • ⤷ How does the 'One-Touch' locking mechanism differ from standard threaded connectors?
    • ⤷ What is the recommended cable diameter range for the strain relief on this connector?