Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JN2FS10SL1-R

  • AI
    The **JN2FS10SL1-R** is a high-performance, small-scale circular connector manufactured by **JAE (Japan Aviation Electronics)**. It is part of the JN2 series, which is designed for industrial equipment applications requiring waterproof integrity and durability. --- ## 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Series** | JN2 (Small Circular Connector) | | **Connector Type** | Straight Plug (Socket) | | **Number of Contacts** | 10 Positions | | **Termination Method** | Solder | | **Rated Current** | 3A per contact | | **Rated Voltage** | 200 VAC | | **Ingress Protection** | IP67 (Waterproof when mated) | | **Shell Material** | Zinc Alloy (Chrome plated) | | **Insulator Material** | Synthetic Resin | --- ## 2. Key Electronic & Mechanical Features ### A. One-Touch Locking Mechanism Unlike traditional threaded connectors, the JN2 series uses a **push-twist** locking mechanism. This ensures secure vibration-proof connections that can be mated and unmated quickly, which is critical in industrial maintenance environments. ### B. Structural Durability * **EMI Shielding:** The metal shell (Zinc alloy) provides excellent grounding and shielding against Electromagnetic Interference (EMI). * **Waterproof Rating:** Rated **IP67**, meaning it is dust-tight and can withstand immersion in water up to 1 meter for 30 minutes. ### C. Cable Entry and Termination The "SL1" in the part number typically refers to the cable exit/bushing size. This specific model uses **solder termination**, which provides a robust, permanent electrical connection suitable for high-vibration applications where crimping might not be preferred. --- ## 3. Common Applications Due to its compact size and ruggedized build, the JN2FS10SL1-R is frequently found in: 1. **Industrial Robotics:** Sensor and actuator connections in robot arms. 2. **Machine Tools:** Signal transmission in CNC machinery. 3. **Communication Devices:** Outdoor electronic equipment requiring weatherproofing. 4. **Medical Equipment:** High-reliability power and signal interfaces. --- ## 4. Part Number Breakdown Understanding the nomenclature helps in identifying variations: * **JN2**: Series name. * **F**: Connector type (Plug). * **S**: Socket contact type. * **10**: Number of pins/contacts. * **SL1**: Specific body size and cable bushing style. * **R**: Modification/Revision code. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended cable diameters for the JN2FS10SL1-R bushing?
    • ⤷ Is there a crimp-style alternative to this solder-type connector?
    • ⤷ How many mating cycles is the JN2 series rated for?