Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JN2FS10SLK-R

  • AI
    The **JN2FS10SLK-R** is a high-performance, small-form-factor circular connector manufactured by **JAE (Japan Aviation Electronics)**. It belongs to the JN2 series, which is specifically designed for industrial applications requiring waterproof capabilities and vibration resistance. --- ### 1. Technical Specifications The following table highlights the core electrical and mechanical characteristics of the JN2FS10SLK-R: | Feature | Specification | | :--- | :--- | | **Connector Type** | Straight Plug (Female Sockets) | | **Number of Contacts** | 10 Positions | | **Rated Current** | 3A per contact | | **Rated Voltage** | 200 VAC | | **Dielectric Withstanding Voltage** | 900 VAC (1 minute) | | **Waterproof Rating** | IP67 (when mated) | | **Termination Method** | Solder | | **Shell Size** | Small / Compact | --- ### 2. Key Electronic & Physical Components #### A. Contact Configuration The "10SL" in the part number indicates a **10-position** layout. These contacts are typically gold-plated or silver-plated to ensure low contact resistance and high reliability in signal transmission. #### B. Housing and Shell Materials * **Insulator:** Made of high-grade synthetic resin (UL94V-0 compliant) to prevent electrical arcing between pins. * **Shell:** Constructed from zinc die-cast or high-strength plastic, providing a robust shield against physical impact and EMI (Electromagnetic Interference). #### C. Locking Mechanism The JN2 series features a **One-touch push-pull locking mechanism**. This allows for secure mating and unmating even in tight spaces where traditional screw-on connectors would be difficult to handle. --- ### 3. Application Areas Due to its ruggedized nature and high pin density, this connector is commonly found in: * **Industrial Automation:** Sensors, actuators, and encoders. * **Robotics:** Servo motor wiring and control signal interfaces. * **Medical Equipment:** Portable diagnostic devices requiring waterproof seals. * **Communication Devices:** Outdoor ruggedized electronic enclosures. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in identifying replacement parts: | Prefix | Type | Contacts | Gender | Termination | | :--- | :--- | :--- | :--- | :--- | | **JN2** | Series Name | **10** | **S** (Socket/Female) | **L** (Solder Type) | ---
    ✨ Follow-up Questions
    • ⤷What is the compatible cable diameter for the JN2FS10SLK-R bushing?
    • ⤷ Can this connector be used for power transmission or only signal?
    • ⤷ What is the mating cycle durability for the JAE JN2 series?