Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JPQ2-7B-R

  • AI
    The **JPQ2-7B-R** is a high-performance, surface-mount (SMD) directional coupler typically used in RF (Radio Frequency) and microwave applications. It belongs to the JPQ series, often manufactured by companies like Mini-Circuits or similar RF component specialists. --- ### ## Technical Specifications Below is a breakdown of the typical electronic characteristics for the JPQ2-7B-R: | Parameter | Typical Value | | :--- | :--- | | **Frequency Range** | 5.0 - 7.0 GHz | | **Coupling Nominal** | 7.0 dB | | **Mainline Loss** | 1.2 - 1.5 dB (Average) | | **Directivity** | 18 - 20 dB | | **VSWR (Input/Output)** | 1.2:1 to 1.3:1 | | **Power Handling** | Up to 1W - 2W (CW) | | **Package Style** | SMD (Surface Mount Device) | --- ### ### Key Electronic Components & Internal Structure The JPQ2-7B-R operates on the principle of **electromagnetic coupling**. While it appears as a single ceramic or plastic block, its internal architecture consists of: 1. **Stripline/Microstrip Couplers:** Inside the casing, there are precisely etched copper traces on a high-frequency substrate (like PTFE or Ceramic). These traces are placed in close proximity to allow energy to transfer from the "Main" line to the "Coupled" line via electromagnetic fields. 2. **Impedance Matching Network:** The internal geometry is designed to maintain a **50 Ohm characteristic impedance**. This minimizes signal reflection (VSWR). 3. **Termination Resistor (Optional/Internal):** Depending on the specific 4-port configuration, one port may be internally terminated to ensure it functions as a 3-port directional coupler. --- ### ### Pin Configuration & Functions Typically, this component features a 6-pin or 4-pin SMD layout. The primary signal paths are: * **Input Port:** Where the high-power RF signal enters. * **Output Port (Transmitted):** Where the majority of the signal exits (minus the coupled and lost energy). * **Coupled Port:** Provides a reduced-power sample of the input signal (nominally -7dB lower). * **Isolated Port:** Ideally carries no signal; usually grounded or terminated to prevent reflections. --- ### ### Typical Applications * **Signal Monitoring:** Measuring the power level of a transmitter without interrupting the main signal path. * **Feedback Loops:** Providing a sample signal to an Automatic Gain Control (AGC) circuit. * **Antenna VSWR Measurement:** Detecting reflected power to determine antenna health. * **Power Splitting:** Dividing a signal into two unequal paths for balanced amplifiers.
    ✨ Follow-up Questions
    • ⤷What is the difference between a 7dB and a 10dB coupler in this series?
    • ⤷ How does temperature affect the coupling accuracy of the JPQ2-7B-R?
    • ⤷ Can this component be used in 5G infrastructure applications?