Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JR16-R-DMCT1

  • AI
    The **JR16-R-DMCT1** is a specific integrated control module (often referred to as a "Brain Box") used in motorized children's ride-on vehicles (Power Wheels, electric toy cars). It functions as the central processing unit for the vehicle's electrical system. --- ### ## 1. Technical Specifications Overview This component integrates power management, remote frequency reception, and motor control into a single PCB (Printed Circuit Board). | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 12V DC (Standard) | | **Frequency** | 2.4GHz Bluetooth / Wireless | | **Connectivity** | 7-Pin or Multi-pin Main Header | | **Motor Channels** | Dual Motor (Left/Right Drive) + Steering Motor | | **Control Type** | Relays + Microcontroller | --- ### ## 2. Internal Electronic Components The "parts" inside this module are designed to handle high-current switching and low-power signal processing. #### ### A. The Microcontroller (MCU) The brain of the unit. It interprets signals from the 2.4GHz receiver and the foot pedal to decide how much power to send to the wheels. It manages: * **Soft Start/Soft Stop:** Prevents jerking by ramping power up/down. * **Safety Overrides:** Prioritizes the remote control over the manual pedal. #### ### B. Electromagnetic Relays You will typically see 3 to 5 rectangular boxes on the board. * **Drive Relays:** Handle high current (20A-30A) to switch the drive motors between Forward, Reverse, and Neutral. * **Steering Relay:** Controls the small actuator motor for remote steering. #### ### C. RF Receiver Module A small sub-board or etched antenna area tuned to **2.4GHz**. This allows the car to pair with a specific remote, preventing interference from other nearby toy cars. #### ### D. Protection Circuitry * **Thermal Fuses/Resistors:** Protect the board from overheating if the motors stall. * **Electrolytic Capacitors:** Smooth out voltage spikes from the battery to protect the sensitive MCU. --- ### ## 3. Pinout and Wiring Interface The JR16-R-DMCT1 usually features a standardized white plastic socket. Below is the typical functional breakdown: 1. **V+ / V-:** Main power input from the 12V battery. 2. **ML / MR:** Output to the Left and Right drive motors. 3. **Steering:** Output to the front steering motor. 4. **Foot Pedal Input:** Signal wire that completes the circuit when the child presses the pedal. 5. **High/Low Speed:** A toggle input to limit voltage. --- ### ## 4. Common Failure Points If you are troubleshooting this part, look for these electronic issues: * **Burnt Relay Contacts:** The most common failure. You will hear a "click" but the car won't move. * **Blown MOSFETs/Transistors:** If the car moves in only one direction or stays "on" constantly. * **Corrosion:** Because these are toys, moisture often enters the casing and shorts the PCB traces. ---
    ✨ Follow-up Questions
    • ⤷ How do I pair a 2.4G remote to the JR16-R-DMCT1 receiver?
    • ⤷ Can this controller be upgraded to 24V for more speed?
    • ⤷ What are the signs of a faulty relay versus a faulty motor?