Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JR16-R-DMDP315

  • AI
    The **JR16-R-DMDP315** is a specialized high-speed data transmission connector, typically categorized under the **JAE (Japan Aviation Electronics)** series of automotive or high-speed communication interfaces. These parts are commonly used in automotive infotainment, ADAS (Advanced Driver Assistance Systems), and high-resolution camera modules. --- ### 1. Component Specifications The following table outlines the general technical characteristics associated with this part series: | Parameter | Specification (Typical) | | :--- | :--- | | **Category** | High-speed I/O Connector | | **Interface Type** | DisplayPort / LVDS / GVIF Compatible | | **Number of Pins** | Multiple (Specific to the DMDP variant) | | **Data Rate** | Up to 1.5 Gbps - 3 Gbps | | **Termination** | SMT (Surface Mount Technology) / Through-Hole | | **Orientation** | Right Angle (indicated by "R") | --- ### 2. Breakdown of the Part Number While internal manufacturer codes can vary, the nomenclature typically follows this structure: * **JR16:** The base series designation (often referring to the shell size or interface standard). * **R:** Indicates a **Right-Angle** mounting orientation, commonly used to save vertical space on a PCB. * **DMDP:** Refers to the specific contact arrangement or signaling protocol (likely related to **DisplayPort** or Digital Multimedia data paths). * **315:** A manufacturer-specific variation code, often indicating plating thickness (e.g., gold), packaging type, or specialized shielding. --- ### 3. Key Electronic Features * **Shielding for EMI/EMC:** These connectors feature robust metal shells to prevent Electromagnetic Interference (EMI), which is critical in automotive environments where high-speed signals must pass near power cables. * **Differential Signaling:** Designed to handle differential pairs (positive and negative signal lines) to maintain signal integrity over distance. * **Mechanical Durability:** Built to withstand high-vibration environments, often featuring mechanical locks or "clicks" to ensure the cable remains seated. * **Impedance Matching:** Precision-engineered to maintain 100-ohm (or 90-ohm) differential impedance to prevent signal reflections. --- ### 4. Typical Applications 1. **Automotive Infotainment:** Connecting Head Units to High-Definition (HD) displays. 2. **ADAS Systems:** Connecting side-view or rear-view cameras to the central processing unit. 3. **Industrial Imaging:** High-speed data transfer in automated factory inspection cameras. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the DMDP315 variant?
    • ⤷ Does this connector support the DisplayPort 1.4 standard?
    • ⤷ What is the recommended PCB footprint for soldering this component?