Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JS2-R

  • AI
    The **JS2-R** typically refers to a high-performance **Flight Controller (FC)** or a specific **Integrated System-on-Module** used in robotics and drone applications. It is designed to be a robust, high-reliability control unit. Below is a breakdown of the core electronic components and technical specifications typically found in this module. ### 1. Core Processor and Processing Unit The "brain" of the JS2-R is usually a high-speed microcontroller (MCU) capable of handling complex flight algorithms and real-time telemetry. | Component | Specification (Typical) | Function | | :--- | :--- | :--- | | **MCU** | ARM Cortex-M7 or M4 | Executes control loops and processes sensor data. | | **Clock Speed** | 216MHz - 480MHz | Ensures low-latency response times. | | **Flash Memory** | 1MB - 2MB | Stores the firmware (e.g., PX4, ArduPilot). | --- ### 2. Inertial Measurement Units (IMUs) To maintain stability, the JS2-R utilizes high-precision sensors to detect movement and orientation. * **Accelerometers/Gyroscopes:** Often features redundant IMUs (e.g., TDK InvenSense series) to prevent system failure if one sensor glitches. * **Barometer:** A high-resolution pressure sensor (like the MS5611) for precise altitude hold. * **Magnetometer:** Used as a digital compass for heading orientation. --- ### 3. Connectivity and Interface Ports The electronic layout includes several peripheral interfaces for communication with external hardware. | Port Type | Purpose | | :--- | :--- | | **UART / Serial** | Connecting GPS modules, Telemetry radios, and OSDs. | | **CAN Bus** | Industrial-grade communication for ESCs and smart batteries. | | **I2C** | Connecting external compasses or airspeed sensors. | | **PWM / DShot** | Sending signals to Electronic Speed Controllers (ESCs) to drive motors. | --- ### 4. Power Management System The JS2-R includes integrated circuitry to handle fluctuating voltages from LiPo batteries. * **Voltage Regulators (LDO/Buck):** Converts high battery voltage (e.g., 2S-6S) down to stable 5V and 3.3V for internal logic. * **Power Monitoring:** Built-in voltage and current sensing pins to provide real-time battery health data to the pilot. --- ### 5. Physical Construction (PCB) * **Multi-layer PCB:** Usually a 4 to 6-layer board to reduce electromagnetic interference (EMI). * **Damping System:** In many "R" (Rugged/Race) versions, the internal IMU is mechanically decoupled or "floated" on silicone foam to filter out motor vibrations. * **Protection:** Often features TVS diodes to protect against voltage spikes during battery plug-in. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage supported by the JS2-R power module?
    • ⤷ Does the JS2-R support dual-redundancy for its IMU sensors?
    • ⤷ Which firmware platforms (ArduPilot vs PX4) are compatible with this hardware?