Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JS29

  • AI
    The term **JS29** typically refers to a specific series of **DIP Switches** (Dual In-line Package switches) commonly used in electronic circuit design for configuration, addressing, and manual input settings. --- ## 1. Overview of JS29 Series The JS29 series is a standard range of miniature electromechanical switches designed to be mounted on printed circuit boards (PCBs). These are most frequently used to set the operating mode of a device without needing to reprogram the firmware. ### Key Specifications | Feature | Typical Value | | :--- | :--- | | **Switch Type** | Slide or Piano Type | | **Positions** | 1 to 12 positions (commonly 4, 8, or 10) | | **Pitch** | 2.54mm (0.1 inch) standard breadboard spacing | | **Current Rating** | 25mA to 100mA | | **Voltage Rating** | 24V DC to 50V DC | | **Material** | Thermoplastic (UL94V-0) | --- ## 2. Electrical Characteristics These components act as simple "on/off" (SPST) bridges. When a switch is pushed to the "ON" position, it completes the circuit between two opposing pins. * **Contact Resistance:** Usually < 50mΩ (low resistance ensures signal integrity). * **Insulation Resistance:** > 100MΩ at 500V DC. * **Dielectric Strength:** 500V AC for one minute. --- ## 3. Common Use Cases The JS29 electronic parts are utilized across various industries: 1. **Industrial Automation:** Setting unique Modbus or CAN bus addresses for PLC modules. 2. **Consumer Electronics:** Garage door opener frequency coding. 3. **Computing:** Selecting boot priorities or voltage offsets on motherboards/expansion cards. 4. **Prototyping:** Manually toggling logic levels (High/Low) during breadboard testing. --- ## 4. Example Implementation (Code Logic) When a JS29 switch is connected to a microcontroller (like an Arduino), you typically use pull-up resistors to read the binary state. ```cpp // Example: Reading a 4-position JS29 switch const int switchPins[] = {2, 3, 4, 5}; // Connected to pins 1-4 of the JS29 void setup() { for(int i=0; i<4; i++) { pinMode(switchPins[i], INPUT_PULLUP); } Serial.begin(9600); } void loop() { int configValue = 0; for(int i=0; i<4; i++) { // If switch is ON, digitalRead returns LOW (due to Pullup) if(digitalRead(switchPins[i]) == LOW) { configValue |= (1 << i); } } Serial.print("Current Device Mode: "); Serial.println(configValue); delay(1000); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between SMT and Through-hole versions of the JS29?
    • ⤷ How do I calculate the binary value of an 8-position DIP switch?
    • ⤷ Can JS29 switches be used for high-power switching applications?