Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JS4-R

  • AI
    The **JS4-R** typically refers to a specific series of **joystick controllers** (often manufactured by companies like APEM or similar industrial suppliers) used in heavy machinery, material handling, and industrial automation. Below is an overview of the electronic components and technical specifications associated with the JS4-R series. --- ## 1. Core Electronic Components The JS4-R is a multi-axis industrial joystick designed for precision and durability. Its electronic architecture is usually built around the following parts: ### A. Sensing Technology Most JS4-R models utilize **Hall Effect Sensors**. * **Non-contact technology:** Unlike potentiometers, there are no mechanical parts rubbing together to measure position, which prevents wear and tear. * **Magnetic Sensing:** A magnet moves over a sensor chip, providing a voltage output proportional to the angle of the stick. ### B. Output Interfaces The electronics are configured to communicate with a PLC (Programmable Logic Controller) or a vehicle control unit. Common outputs include: | Output Type | Description | | :--- | :--- | | **Analog** | 0-5V, 0.5-4.5V, or 4-20mA signals. | | **CANbus / J1939** | Digital communication used in automotive and industrial machinery. | | **USB/HID** | Used for simulator or computer-based control applications. | | **PWM** | Pulse Width Modulation for direct hydraulic valve control. | ### C. The Grip (Handle) Electronics The "R" in the series often denotes a specific grip configuration. The handle contains: * **Microswitches:** For "Deadman" triggers or side buttons. * **Proportional Rockers:** Small thumb-wheels that use their own miniature Hall Effect sensors. * **LED Indicators:** Some versions include status lights integrated into the PCB inside the handle. --- ## 2. Technical Specifications (Typical) | Feature | Specification | | :--- | :--- | | **Supply Voltage** | 5VDC (regulated) or 9-36VDC (standard vehicle power) | | **Current Consumption** | < 50mA | | **Resolution** | 10-bit to 12-bit (depending on the ADC) | | **Center Return** | Spring-loaded to center | | **Insulation Resistance** | > 1000 MΩ | --- ## 3. Wiring and Pinout The JS4-R usually features a multi-pin connector (such as a Deutsch or Molex connector) at the base. 1. **VCC:** Power input. 2. **GND:** Common ground. 3. **X-Axis Out:** Voltage or signal for horizontal movement. 4. **Y-Axis Out:** Voltage or signal for vertical movement. 5. **Digital Inputs:** Dedicated wires for buttons or the trigger. --- ## 4. Environmental Protection The electronic parts are protected by: * **Potting/Encapsulation:** The internal PCB is often covered in epoxy resin to protect against moisture and vibration. * **EMC Shielding:** Protection against electromagnetic interference from radios or large motors. * **IP Rating:** Typically **IP67** above the panel, meaning it is dust-tight and water-resistant. ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between Hall Effect and Potentiometric joysticks in industrial settings?
    • ⤷ How do I calibrate a JS4-R joystick for a CANbus system?
    • ⤷ Can the JS4-R handle be customized with extra buttons or toggle switches?