Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JS6-R

  • AI
    The **JS6-R** is a specific type of **miniature slide switch** (often referred to as a "micro slide switch") commonly used in consumer electronics, instrumentation, and PCB-based control circuits. It is characterized by its surface-mount (SMD) or through-hole design and low profile. --- ### ## 1. Technical Specifications The JS6-R series usually follows these standard electrical and physical parameters: | Parameter | Typical Value | | :--- | :--- | | **Contact Rating** | 0.3A @ 6V DC | | **Contact Resistance** | 20mΩ Max | | **Insulation Resistance** | 100MΩ Min @ 500V DC | | **Dielectric Strength** | 500V AC for 1 minute | | **Operating Force** | 200gf ± 100gf | | **Mechanical Life** | 10,000 cycles | | **Operating Temperature** | -20°C to +70°C | --- ### ## 2. Construction and Pin Configuration The "JS6" family typically features a **Single Pole Double Throw (SPDT)** or **Double Pole Double Throw (DPDT)** internal configuration. * **Actuator:** A plastic slider (often side-actuated or top-actuated) that moves the internal contact plate. * **Housing:** High-temperature thermoplastic (LCP or Nylon) capable of withstanding reflow soldering. * **Terminals:** Silver-plated or gold-plated brass for high conductivity and oxidation resistance. #### Common Pinout (SPDT): 1. **Pin 1:** Terminal A (Closed when slider is at Position 1) 2. **Pin 2:** Common (COM) 3. **Pin 3:** Terminal B (Closed when slider is at Position 2) --- ### ## 3. Typical Applications Due to its small footprint, the JS6-R is used in devices where space is at a premium: * **Portable Electronics:** Power on/off switches for Bluetooth headsets or MP3 players. * **Input Selection:** Switching between different modes on a digital multimeter. * **Testing Equipment:** Logic selection on breadboards or evaluation modules. * **Wearables:** Compact controls in smartwatches or medical sensors. --- ### ## 4. Soldering Recommendations Since these are often SMT (Surface Mount Technology) components, they require specific handling: ```markdown - Solder Type: Lead-free Reflow - Peak Temperature: 260°C for 10 seconds - Cleaning: Use non-aqueous solvents to prevent internal corrosion. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the physical footprint size (dimensions) of the JS6-R switch?
    • ⤷ Does the JS6-R come in a right-angle mounting version?
    • ⤷ Can the JS6-R handle AC voltages for mains power applications?