Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JV1-R

  • AI
    The **JV1-R** typically refers to a specific series of **Miniature Power Relays** (often manufactured by companies like Panasonic or Hongfa). These components are widely used in home appliances and industrial equipment for switching high-power circuits using a low-power control signal. ### 1. Technical Specifications The "JV" series is characterized by its compact size and high sensitivity. Below are the typical technical parameters for the JV1-R series: | Parameter | Typical Value | | :--- | :--- | | **Contact Form** | 1 Form C (SPDT) or 1 Form A (SPST-NO) | | **Rated Load (Resistive)** | 10A 125VAC / 5A 250VAC / 5A 30VDC | | **Max Switching Voltage** | 250VAC / 110VDC | | **Nominal Coil Voltage** | 5V, 9V, 12V, or 24V DC | | **Coil Power Consumption** | Approx. 200mW to 400mW | | **Insulation Resistance** | 1,000 MΩ Min. (at 500VDC) | | **Dielectric Strength** | 1,000 VAC (between open contacts) | --- ### 2. Internal Components & Construction The JV1-R relay consists of four primary electronic/mechanical parts: 1. **The Coil:** A copper wire winding that creates a magnetic field when energized. The "R" in some naming conventions refers to "High Sensitivity" or specific environmental ratings (like Flux-resistant). 2. **The Armature:** A moving iron part that is attracted by the coil's magnetic field. 3. **The Contacts:** Usually made of **Silver Alloy**. These are the points that physically touch to complete the electrical circuit. 4. **The Spring:** Ensures the armature returns to its original position when the power to the coil is cut off. --- ### 3. Connection Diagram (Standard SPDT) The pin layout usually follows a standard 5-pin configuration for the 1 Form C (Change-over) type: ```text [Coil] ---- (1) (3) ---- [Normally Open] | | [Common] -- (5) | | | [Coil] ---- (2) (4) ---- [Normally Closed] ``` ### 4. Common Applications * **Home Appliances:** Control boards for air conditioners, microwave ovens, and washing machines. * **Office Automation:** Power supplies and printers. * **Industrial:** PLCs (Programmable Logic Controllers) and remote control equipment. --- ### 5. Identification Code Breakdown If you are looking at the part number (e.g., **JV1-R-12V**): * **JV:** Series Name. * **1:** Contact Rating/Type. * **R:** Specific feature (usually "High Sensitivity" or "Heat Resistant"). * **12V:** The required DC voltage to trigger the relay.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'S' suffix in these relays?
    • ⤷ How do I calculate the flyback diode needed for a JV1-R relay?
    • ⤷ Can this relay be used to switch inductive loads like motors?