Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JZ5-R2

  • AI
    The **JZ5-R2** typically refers to a high-performance **solid-state relay (SSR)** or a specific series of **industrial control relay modules**. These components are critical in automation for switching high-current loads using low-voltage control signals. --- ### 1. Technical Specifications Overview The "JZ" series usually follows standard industrial parameters for electromagnetic or solid-state switching. Below is a breakdown of the typical electronic characteristics: | Parameter | Typical Value / Range | | :--- | :--- | | **Coil/Control Voltage** | 5V DC, 12V DC, or 24V DC (Model dependent) | | **Switching Voltage** | Up to 250V AC / 30V DC | | **Rated Current** | 5A to 10A (Depending on configuration) | | **Contact Type** | SPDT (Single Pole Double Throw) or DPDT | | **Response Time** | < 10ms | | **Insulation Resistance** | ≥ 1000MΩ | --- ### 2. Key Electronic Components The JZ5-R2 module is composed of several discrete parts that work together to ensure safe signal isolation: * **Electromagnetic Coil / Photo-Coupler:** * If it is a mechanical relay, it uses a copper coil to create a magnetic field. * If it is a "R2" series SSR, it uses an internal LED and a light-sensitive triac (Opto-isolation) to prevent high voltage from feeding back into the controller (like an Arduino or PLC). * **Flyback Diode (Freewheeling Diode):** * Often integrated into the R2 board to protect the driving transistor from voltage spikes when the relay coil is de-energized. * **Status LED Indicator:** * A small SMD LED (usually red or green) that illuminates when the control signal is active, allowing for quick visual debugging. * **Terminal Blocks:** * Screw-down connectors designed to handle 14-22 AWG wire for high-current output. --- ### 3. Connection Pinout Most JZ5-R2 modules utilize a standard 3-pin or 5-pin input header: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VCC** | Power Supply | Positive input (matches rated coil voltage). | | **GND** | Ground | Common reference point. | | **IN / SIG** | Trigger Signal | High or Low logic signal to activate the switch. | | **NO** | Normally Open | Circuit is open until the relay is triggered. | | **COM** | Common | The "center" terminal connected to the load. | | **NC** | Normally Closed | Circuit is closed until the relay is triggered. | --- ### 4. Typical Applications * **PLC Interfacing:** Acting as an intermediary between sensitive PLC outputs and heavy motors. * **Home Automation:** Controlling 110V/220V lighting circuits using 5V microcontrollers. * **Heating Elements:** Switching PID-controlled heaters in industrial ovens.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the JZ5-R2 and the JZ5-R4 model?
    • ⤷ How do I wire a JZ5-R2 to an Arduino for AC load control?
    • ⤷ Does the JZ5-R2 support PWM (Pulse Width Modulation) for dimming?