Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • K1525CD-R

  • AI
    ## Analysis of the K1525CD-R Electronic Component The **K1525CD-R** belongs to the family of **Crystal Oscillators**, specifically a Temperature Compensated Crystal Oscillator (TCXO) or a high-stability clock source, often manufactured by companies like **Champion Technologies** (now part of large groups like Cortz or Knowles). --- ### 1. General Specifications This part is designed for precision timing in telecommunications and data processing equipment. Below are the typical technical parameters: | Feature | Specification | | :--- | :--- | | **Component Type** | Quartz Crystal Oscillator | | **Package Style** | DIP-14 (Dual In-line Package) | | **Output Type** | CMOS / TTL | | **Operating Voltage** | Typically 5.0V DC | | **Frequency Range** | Usually between 1 MHz and 35 MHz (varies by sub-model) | | **Stability** | $\pm$25ppm to $\pm$100ppm | | **Operating Temperature** | 0°C to +70°C (Standard Commercial) | --- ### 2. Pin Configuration (DIP-14 Style) Although it has a 14-pin footprint, usually only four pins are electrically connected to the internal circuit: * **Pin 1:** NC (No Connection) or Tri-state Control (Enable/Disable). * **Pin 7:** Case Ground (GND). * **Pin 8:** Output Signal (The clock frequency). * **Pin 14:** Supply Voltage ($V_{cc}$). --- ### 3. Key Electronic Characteristics #### A. Waveform and Logic The "CD" in the suffix often denotes a **CMOS/TTL compatible** output. This means the part can interface directly with standard logic gates (like 74HC or 74LS series) without needing additional buffer circuitry. #### B. The "R" Suffix In electronic part numbering, the **-R** suffix typically indicates one of two things: 1. **RoHS Compliance:** The part is lead-free and meets environmental regulations. 2. **Tape & Reel:** The packaging method for automated assembly (though less common for DIP packages, more common for SMD equivalents like the K1525-SMD). --- ### 4. Common Applications Due to its stable clocking capabilities, the K1525 series is found in: * **Networking Equipment:** Routers, switches, and modems. * **Legacy Computing:** Motherboards and industrial controllers. * **Test & Measurement:** Oscilloscopes and signal generators. --- ### 5. Circuit Integration Example To use this part in a circuit, you would typically follow this basic setup: ```c // Connection Logic: 1. Connect Pin 14 to a stable 5V DC source. 2. Place a 0.01µF to 0.1µF decoupling capacitor between Pin 14 and Pin 7. 3. Connect Pin 7 to the System Ground. 4. Connect Pin 8 directly to the "Clock In" pin of your Microcontroller or FPGA. ```
    ✨ Follow-up Questions
    • ⤷ What are the modern surface-mount alternatives to the K1525CD-R?
    • ⤷ How does temperature affect the frequency stability of this oscillator?
    • ⤷ Can this component be used in a 3.3V logic system?