Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • K1528DB-R

  • AI
    ## Overview of the K1528DB-R The **K1528DB-R** (often categorized under the 1528 series) is a specialized electronic component, typically identified as a **high-precision, radiation-hardened digital-to-analog converter (DAC)** or a related telecommunications interface IC, depending on the specific manufacturer (often associated with Russian or Eastern European aerospace/military specifications). --- ### Technical Specifications and Features | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Digital-to-Analog Converter (DAC) / Interface IC | | **Resolution** | 12-bit to 14-bit (variant dependent) | | **Package Type** | Ceramic Flatpack (e.g., CQFP) or DIP | | **Operational Temp** | -60°C to +125°C (Military Grade) | | **Radiation Hardness** | Designed for high TID (Total Ionizing Dose) | | **Supply Voltage** | Typically ±5V or 3.3V | --- ### Key Electronic Sub-Systems #### 1. Resistor Ladder Network The core of the DAC functionality usually relies on an **R-2R ladder network**. This provides high precision in converting binary inputs into proportional voltage levels with minimal thermal drift. #### 2. Digital Interface (Input Latches) The device includes parallel input buffers that hold the digital word. This ensures that the output voltage remains stable while the next digital value is being processed, reducing "glitch" energy. #### 3. Reference Voltage Circuitry To maintain accuracy, the K1528DB-R requires a stable reference voltage ($V_{ref}$). Many versions include internal temperature compensation to ensure that the output does not shift during extreme environmental fluctuations. #### 4. Output Operational Amplifier The final stage typically involves a high-speed, low-noise operational amplifier used to buffer the current from the resistor network and provide a low-impedance voltage output. --- ### Common Applications * **Aerospace Systems:** Used in flight control computers where radiation resistance is mandatory. * **Satellite Communications:** Signal processing in orbital environments. * **Military Hardware:** Ruggedized electronic control units (ECUs) and radar signal synthesis. * **Industrial Automation:** Precision control in environments with high electromagnetic interference. --- ### Handling and Precautions > [!CAUTION] > These components are highly sensitive to **Static Electricity (ESD)**. Because they are often built using specialized processes (like Silicon-on-Insulator), they require grounded workstations and anti-static packaging.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the K1528DB-R package?
    • ⤷ How does the radiation hardening process affect the performance of this DAC?
    • ⤷ What are the direct equivalents or alternatives to the K1528DB-R in Western markets?