Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • K5-R2

  • AI
    The **K5-R2** generally refers to a specific series or version of a walkie-talkie/handheld radio, most notably the **Quansheng UV-K5 (Revision 2)**. This device is famous in the electronics community due to its highly flexible microcontroller and the ability to be modified with custom firmware. Below is an explanation of its core electronic components and architecture. --- ## 1. Core System Architecture The K5-R2 is built around a "System-on-Chip" (SoC) approach combined with a dedicated RF transceiver chip. | Component Type | Part Number / Specification | Role | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Beken DP32G030 | The "brain." It handles the display, keypad, and controls the RF chip via I2C/SPI. | | **RF Transceiver** | Beken BK4819 | The "heart." Handles FM modulation, frequency synthesis, and signal processing. | | **EEPROM** | 24C64 (8KB) | Stores settings, channels, and calibration data. | | **Audio Amplifier** | LM4890 or equivalent | Amplifies the demodulated signal to drive the internal speaker. | --- ## 2. Key Integrated Circuits (ICs) ### A. Beken DP32G030 (MCU) This is an ARM Cortex-M0 based 32-bit microcontroller. * **Flash Memory:** It typically has 64KB of flash, which stores the firmware. * **Modifiability:** This chip is the reason for the radio's popularity; enthusiasts have reverse-engineered it to allow for wide-band reception (extended frequencies) and new UI features. ### B. Beken BK4819 (RF Chip) This chip is highly versatile. Unlike older radios that used fixed-frequency filters, the BK4819 is a software-defined transceiver that supports: * **Frequencies:** 18MHz to 1300MHz (with hardware limitations). * **Functions:** Built-in Spectrum Analyzer capabilities, DTMF, CTCSS, and DCS encoding/decoding. --- ## 3. The RF Front-End & Power Stage To transmit and receive signals effectively, the R2 revision utilizes several discrete stages: 1. **Low Noise Amplifier (LNA):** Used during reception to boost weak signals coming from the antenna without adding significant noise. 2. **Power Amplifier (PA) Transistor:** Usually a MOSFET (e.g., AFT05MS003N) that boosts the low-power signal from the BK4819 to approximately 4-5 Watts for transmission. 3. **Harmonic Filters:** A series of inductors (coils) and capacitors (low-pass filters) designed to suppress unwanted frequencies and ensure the radio stays within legal transmission limits. --- ## 4. User Interface Electronics * **Display:** A monochromatic 128x64 pixel STN LCD, controlled via the MCU. * **Charging Circuit:** Uses a standard lithium-ion charging management IC (often a TP4056 variant) to handle 7.4V battery charging via the DC jack or USB-C (in newer R2 boards). * **Flashlight LED:** A standard high-brightness LED controlled by a simple transistor switch. --- ## 5. Revision 2 (R2) Specific Changes Compared to the original K5, the **R2** version typically includes: * **Improved USB-C Shielding:** Better protection against noise during charging. * **Revised PCB Layout:** Minor changes to trace routing to reduce internal interference (EMC). * **Component Swaps:** Some passive components (resistors/capacitors) are adjusted to improve the sensitivity of the FM broadcast band. ---
    ✨ Follow-up Questions
    • ⤷ What are the most popular custom firmwares available for the K5-R2?
    • ⤷ How does the BK4819 chip enable a spectrum analyzer on this device?
    • ⤷ Can the K5-R2 hardware be modified to support SSB (Single Side Band) reception?