Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • K6F-R010

  • AI
    The **K6F-R010** is a specific model of a **Surface Mount Device (SMD) Shunt Resistor**, primarily used for current sensing applications in power electronics. It is part of the metal foil or metal plate resistor family designed for high precision and low resistance. --- ### 1. Key Technical Specifications The part number follows a standard nomenclature for sensing resistors. Below are the typical technical parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 10 mΩ (0.010 Ω) | The "R010" suffix indicates 10 milliohms. | | **Power Rating** | 1W - 2W | Typically rated for high power dissipation relative to size. | | **Tolerance** | ±1% (F) | The "F" in the prefix usually denotes a 1% precision. | | **Material** | Metal Plate / Alloy | Uses a specialized metal alloy for thermal stability. | | **Package Size** | 2512 (Metric 6432) | A large SMD footprint to handle heat. | --- ### 2. Functional Components and Construction The K6F-R010 is not a complex integrated circuit; it is a passive component built with specific architecture: 1. **Resistive Element:** A solid piece of manganese-copper or nickel-chromium alloy. Unlike standard thick-film resistors, the metal plate construction allows for high pulse current handling. 2. **Protective Coating:** An epoxy or silicone-based overcoat that protects the metal element from oxidation and moisture. 3. **Terminations:** Large tin-plated copper end-caps designed to provide a low-resistance interface with the PCB traces, minimizing "parasitic resistance." --- ### 3. Application Use Cases This part is crucial in circuits where current needs to be measured without significantly dropping the voltage. * **BMS (Battery Management Systems):** Monitoring the charge and discharge current of Lithium-ion battery packs. * **Motor Control:** Providing feedback to the controller to prevent overcurrent scenarios. * **DC-DC Converters:** Used in the feedback loop to regulate output current. * **Power Supplies:** Serving as a safety fuse or current monitor in laptop adapters and industrial chargers. --- ### 4. Typical Connection Diagram In an electronic circuit, the K6F-R010 is usually placed in series with the load. The voltage drop across it ($V = I \times R$) is measured by an amplifier. ```c [ Power Source ] ----+----[ K6F-R010 ]----+---- [ Load ] | (10 mΩ) | | | +--[ Sense Amp ]----+ ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the Temperature Coefficient (TCR) for the K6F-R010?
    • ⤷ How does a 4-terminal Kelvin connection differ from this 2-terminal resistor?
    • ⤷ What are the recommended soldering profiles for 2512 metal plate resistors?