Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • K6F-R030

  • AI
    The **K6F-R030** is a specialized electronic component, specifically a **Surface Mount Device (SMD) Shunt Resistor** or **Current Sense Resistor**. It is designed to measure current flow by creating a very small voltage drop that can be monitored by a control circuit. --- ## 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (typically associated with brands like KOA Speer or similar precision resistor manufacturers). | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Current Sense Resistor (Shunt) | | **Resistance Value** | 30 mΩ (0.030 Ohms) | | **Tolerance** | ±1% or ±5% (depending on specific suffix) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Application** | Current Sensing, Power Management | --- ## 2. Key Features * **Low Resistance:** At 30 milliohms ($0.030\Omega$), it minimizes power loss ($P = I^2R$) while providing enough signal for an Analog-to-Digital Converter (ADC). * **High Stability:** Designed to maintain its resistance value across a wide range of temperatures (Low Temperature Coefficient of Resistance - TCR). * **Compact Footprint:** Used in space-constrained PCB designs like smartphones, laptops, and battery protection boards. --- ## 3. Working Principle The K6F-R030 acts as a "bridge" in a circuit. As current ($I$) flows through the 30mΩ resistor ($R$), a small voltage ($V$) is generated according to **Ohm's Law**: $$V = I \times R$$ A microcontroller or a Current Sense Amplifier measures this voltage $V$ and calculates the current $I$ precisely. --- ## 4. Common Applications 1. **Battery Management Systems (BMS):** Monitoring charge and discharge rates in Li-ion batteries. 2. **DC-DC Converters:** Providing feedback for overcurrent protection. 3. **Motor Control:** Detecting the load on a motor to prevent stalling or burnout. 4. **Power Adapters:** Regulating the output current for safe charging. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the K6F-R030?
    • ⤷ How does temperature affect the accuracy of a 30mΩ shunt resistor?
    • ⤷ What are the alternatives to using a shunt resistor for current sensing?