Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KA393DTF

  • AI
    The **KA393DTF** is a popular, low-power, dual-channel voltage comparator integrated circuit (IC). It is widely used in electronic circuits to compare two input voltages and provide a digital output based on which input is higher. --- ### 1. General Specifications The KA393DTF is the surface-mount version (SOP-8 package) of the classic LM393 series. | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual Comparator) | | **Supply Voltage (Single)** | +2.0V to +36V | | **Supply Voltage (Split)** | ±1.0V to ±18V | | **Output Type** | Open Collector | | **Response Time** | 1.3 μs (Typical) | | **Package Type** | SOP-8 (Surface Mount) | | **Operating Temperature** | 0°C to +70°C | --- ### 2. Internal Block Diagram & Pinout The IC consists of two independent precision voltage comparators designed to operate from a single power supply. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **OUTPUT A** | Output of the first comparator | | 2 | **INPUT A (-)** | Inverting input of the first comparator | | 3 | **INPUT A (+)** | Non-inverting input of the first comparator | | 4 | **GND** | Ground (or negative supply) | | 5 | **INPUT B (+)** | Non-inverting input of the second comparator | | 6 | **INPUT B (-)** | Inverting input of the second comparator | | 7 | **OUTPUT B** | Output of the second comparator | | 8 | **Vcc** | Positive supply voltage | --- ### 3. Key Technical Characteristics #### A. Open Collector Output The KA393DTF features an **Open Collector** output stage. This means: * The output can "sink" current to ground but cannot "source" current to Vcc. * **External Pull-up Resistor:** You must connect a resistor between the output pin and the desired logic voltage (e.g., 5V or 3.3V) to get a "High" signal. #### B. Wide Supply Range It is highly versatile because it can operate at very low voltages (compatible with digital logic) or high voltages (up to 36V), making it suitable for automotive and industrial applications. #### C. Common-Mode Input Range The input common-mode voltage range includes ground, even though it is operated from a single power supply voltage. --- ### 4. Common Applications 1. **Level Detectors:** Detecting when a battery voltage drops below a certain threshold. 2. **Zero-Crossing Detectors:** Identifying when an AC signal crosses 0V. 3. **Square Wave Generators:** Converting a sine wave or triangular wave into a square wave. 4. **Limit Comparators:** Checking if a signal stays within a specific "window" of two voltages. --- ### 5. Implementation Example (Basic Comparator) Below is a conceptual logic for using the KA393DTF: ```c // Logic Representation: if (Voltage_at_Pin3 > Voltage_at_Pin2) { Output_Pin1 = High_Impedance; // Pull-up resistor pulls signal to Vcc } else { Output_Pin1 = Low (GND); // Transistor turns on, sinking current to ground } ```
    ✨ Follow-up Questions
    • ⤷ What is the purpose of the pull-up resistor in the KA393DTF circuit?
    • ⤷ How does the KA393DTF differ from an operational amplifier (Op-Amp)?
    • ⤷ Can the KA393DTF be used with a dual power supply (+/- 15V)?