KA78M05TU..
AI

The **KA78M05TU** is a popular fixed-voltage monolithic integrated circuit designed as a positive voltage regulator. It belongs to the 78xx series, specifically the "M" variant, which denotes medium power capability.
---
## 1. Technical Specifications
The following table summarizes the primary electrical characteristics of the KA78M05TU:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | +5V DC |
| **Output Current** | Up to 500 mA |
| **Input Voltage (Max)** | 35V DC |
| **Minimum Input Voltage** | 7V DC (for stable regulation) |
| **Package Type** | TO-220 (through-hole) |
| **Operating Temperature** | 0°C to +125°C |
| **Quiescent Current** | ~4-6 mA |
---
## 2. Key Internal Features
The KA78M05TU is not just a simple resistor; it contains sophisticated circuitry to ensure safety and stability:
* **Internal Current Limiting:** Prevents the device from burning out if the output is short-circuited.
* **Thermal Shutdown:** If the chip becomes too hot due to excessive power dissipation, it automatically shuts down to prevent permanent damage.
* **Safe-Area Compensation:** Adjusts the output current based on the voltage across the output transistor to ensure it stays within safe operating limits.
---
## 3. Pin Configuration
The device typically uses the standard TO-220 pinout:
1. **Pin 1 (Input):** Unregulated DC voltage (7V to 35V).
2. **Pin 2 (Ground):** Connected to the circuit common/0V.
3. **Pin 3 (Output):** Regulated +5V DC.
---
## 4. Typical Application Circuit
To ensure the regulator operates without oscillation and handles noise effectively, external capacitors are required.
```markdown
Unregulated Vin ----[ Pin 1 ]-------[ Pin 3 ]---- Regulated 5V Vout
| |
[C1] [C2]
| |
Ground (0V) --------[ Pin 2 ]-------[ Pin 2 ]---- Ground (0V)
```
* **C1 (Input Capacitor):** Typically 0.33µF. Required if the regulator is far from the power supply filter.
* **C2 (Output Capacitor):** Typically 0.1µF. Improves transient response and ensures stability.
---
## 5. Usage Considerations
* **Heat Dissipation:** Since this is a linear regulator, it dissipates excess voltage as heat. The power dissipated is calculated as:
`P = (Vin - Vout) × Iout`. If this value is high, a **heatsink** is mandatory.
* **Dropout Voltage:** This regulator requires at least 2V higher input than the output (at least 7V) to maintain a steady 5V.
- ⤷
How does the KA78M05 differ from the standard KA7805?
- ⤷ What is the maximum power dissipation for a TO-220 package without a heatsink?
- ⤷ Can this regulator be used for negative voltage applications?