Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KAC-ABB-R

  • AI
    ## Overview of KAC-ABB-R The **KAC-ABB-R** is a specific electronic accessory, typically identified as a **Surface Mounting Box** (Back Box) for manual call points, produced by KAC Alarm & Communication (a Honeywell brand). It is widely used in fire alarm and emergency systems. --- ### 1. Key Technical Specifications Below are the electronic and physical characteristics relevant to this part: | Feature | Specification | | :--- | :--- | | **Component Type** | Surface Mounting Back Box | | **Compatibility** | KAC MCP Series (Manual Call Points) | | **Material** | High-grade PC/ABS Plastic | | **Color** | Red (Standard for Fire Systems) | | **Ingress Protection** | Typically IP24D (Standard indoor) | | **Dimensions** | 87mm (W) x 87mm (H) x 32mm (D) | --- ### 2. Electronic Connectivity Functions While the KAC-ABB-R itself is a passive housing component, it plays a critical role in the electronic installation of the system: * **Cable Entry Management:** It features knockouts (usually 20mm) that allow for the routing of fire-rated cables (like FP200) into the call point. * **Terminal Space:** Provides the necessary depth to house the wiring terminals and the PCB assembly of the call point without pinching the electronics. * **Grounding/Earthing:** Often includes a brass earth terminal or a dedicated space to maintain the continuity of the cable screen (shielding), which is vital for preventing electromagnetic interference (EMI) in addressable fire loops. --- ### 3. Application and Usage The "R" in the part number stands for **Red**, signifying its use in fire detection. There are variations like "Y" (Yellow) for gas release or "G" (Green) for emergency exits. #### Installation Steps: 1. **Mounting:** The box is screwed directly onto a flat surface. 2. **Wiring:** Cables are fed through the top, bottom, or rear knockouts. 3. **Integration:** The electronic module of the call point (the switch/resistor/PCB) is then clipped or screwed onto this box. 4. **Sealing:** Provides a basic level of protection against dust and accidental contact with live electronic components. ---
    ✨ Follow-up Questions
    • ⤷ Is the KAC-ABB-R compatible with weatherproof (IP67) call points?
    • ⤷ Does this back box include the internal resistor for conventional systems?
    • ⤷ What are the alternative colors available for different emergency functions?