Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KADS-1A-R.SLASHQ

  • AI
    The **KADS-1A-R.SLASHQ** (often referenced in industrial automation as part of the KADS series) typically refers to a **High-Density Output Module** or a specific **Programmable Logic Controller (PLC) interface component**. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The module is designed for industrial environments where high-speed switching and reliability are required. | Feature | Specification | | :--- | :--- | | **Component Type** | Digital Output Module / Relay Board | | **Output Type** | Transistor or Relay (Model dependent) | | **Isolation** | Opto-coupler (Photocoupler) isolation | | **Connection Type** | Terminal Block / Ribbon Cable Interface | | **Logic Logic** | NPN (Sink) or PNP (Source) options | ### 2. Key Electronic Components The internal circuitry of the KADS series generally includes the following parts: * **Optoisolators:** These provide electrical isolation between the sensitive control logic (CPU) and the high-power output side. This prevents voltage spikes from damaging the main controller. * **Switching Elements:** Usually high-current transistors (MOSFETs) or miniature electromagnetic relays. * **Flyback Diodes:** Integrated protection diodes that suppress "inductive kickback" when driving inductive loads like solenoid valves or motor starters. * **LED Indicators:** Surface-mount LEDs that provide visual status for each I/O channel (On/Off state). ### 3. Pinout and Connectivity The "SLASHQ" designation often implies a specific connector configuration or a high-density "Quick-Connect" interface. | Pin Group | Function | Description | | :--- | :--- | :--- | | **VCC / COM** | Power Supply | Typically 12V or 24V DC input for the loads. | | **CH 0 - CH N** | Signal Channels | The individual output points mapped to the PLC memory. | | **GND / 0V** | Common Ground | The return path for the control signals. | ### 4. Application Usage This part is commonly used in: * **Factory Automation:** Driving pneumatic valves. * **CNC Machinery:** Managing spindle signals and coolant pumps. * **Safety Interlocks:** Providing physical isolation between different voltage domains. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per channel for the KADS-1A-R.SLASHQ?
    • ⤷ Does this module support NPN or PNP logic switching?
    • ⤷ What are the mounting requirements for this specific component?