Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KADS-EB-R

  • AI
    The **KADS-EB-R** is an Evaluation Board (EB) primarily associated with **Renesas** automotive and industrial microcontrollers (often within the RH850 or RL78 families). These boards are designed to help engineers prototype hardware and debug software before moving to a custom PCB design. Below is a breakdown of the typical electronic components and functional blocks found on this board. --- ### 1. Core Processing Unit At the heart of the KADS-EB-R is the **Microcontroller (MCU)**. Depending on the specific sub-version, it usually features: * **MCU Socket or Soldered Chip:** Often an RH850 series (32-bit) for automotive body or gateway applications. * **Oscillator Circuits:** High-speed crystal oscillators (Main clock) and low-speed oscillators (Sub-clock for RTC/Watchdog). ### 2. Power Management System The board requires stable voltage levels to operate both the MCU and the peripheral logic. | Component | Function | | :--- | :--- | | **DC Jack / Terminal Block** | Input for external power (typically 12V or 5V). | | **LDO / Buck Regulators** | Converts input voltage to 3.3V and 5.0V for the MCU and logic. | | **Power LEDs** | Visual indicators for "Power Good" status. | ### 3. Communication Interfaces The "EB" series is known for robust connectivity, essential for automotive and industrial networking. * **CAN/CAN-FD Transceivers:** Used for high-speed automotive communication. * **LIN Transceivers:** For lower-speed body electronics (mirrors, seats). * **UART to USB Bridge:** Allows the board to connect to a PC for serial monitoring/debugging via a standard USB cable. * **Ethernet PHY (Optional):** Some variants include an Ethernet physical layer for industrial networking. ### 4. Debugging and Programming * **JTAG / E1 / E2 Emulator Interface:** A 14-pin or 20-pin header used to connect Renesas debuggers (like the E2 or E2 Lite) for flashing code and real-time debugging. * **Reset Button:** A tactile switch to trigger a hardware reset of the MCU. ### 5. User I/O and Peripherals To facilitate testing without external hardware, the board includes: * **Push Buttons:** User-definable inputs. * **User LEDs:** For status indication or basic output testing. * **Potentiometer:** Connected to an Analog-to-Digital Converter (ADC) pin to simulate variable sensor data. * **Extension Headers:** Male/Female headers that break out all MCU pins for easy probing with an oscilloscope or connecting to external modules. --- ### Summary Table: Key Specifications | Feature | Description | | :--- | :--- | | **Target Architecture** | Renesas RH850 or RL78 | | **Connectivity** | CAN, LIN, UART, SPI, I2C | | **Power Supply** | 5V - 12V DC | | **Debug Interface** | JTAG / LPD (Low Pin Count Debug) | ---
    ✨ Follow-up Questions
    • ⤷ Which specific Renesas MCU family is your KADS-EB-R board using?
    • ⤷ Do you need the pinout diagrams for the communication headers?
    • ⤷ Are you looking for instructions on how to connect a debugger like the E2 to this board?